Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH40N50L2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH40N50L2
Description  N-Channel Enhancement Mode Avalanche rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH40N50L2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH40N50L2 Datasheet HTML 1Page - IXYS Corporation IXTH40N50L2 Datasheet HTML 2Page - IXYS Corporation IXTH40N50L2 Datasheet HTML 3Page - IXYS Corporation IXTH40N50L2 Datasheet HTML 4Page - IXYS Corporation IXTH40N50L2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2017 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
500
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
500
V
V
GSS
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C
= 25
C
40
A
I
DM
T
C
= 25
C, Pulse Width Limited by T
JM
80
A
I
A
T
C
= 25
C
40
A
E
AS
T
C
= 25
C
2
J
P
D
T
C
= 25
C
540
W
T
J
-55 to +150
C
T
JM
+150
C
T
stg
-55 to +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-247&TO-3P)
1.13/10
Nm/lb.in
Weight
TO-268
4.0
g
TO-3P
5.5
g
TO-247
6.0
g
N-Channel Enhancement Mode
Avalanche rated
LinearL2TM
Power MOSFET
w/Extended FBSOA
IXTT40N50L2
IXTQ40N50L2
IXTH40N50L2
DS100100B(6/17)
V
DSS
= 500V
I
D25
= 40A
R
DS(on)
 170m
Features
Designed for Linear Operation
International Standard Packages
Avalanche Rated
Molding Epoxies Meet UL 94 V-0
Flammability Classification
Guaranteed FBSOA at 75
C
Applications
Solid State Circuit Breakers
Soft Start Controls
Linear Amplifiers
Programmable Loads
Current Regulators
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D
D (Tab)
TO-3P (IXTQ)
D
G
S
D (Tab)
TO-268 (IXTT)
S
G
D (Tab)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 250A
2.5
4.5
V
I
GSS
V
GS = 20V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
A
T
J
= 125
C
300
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
170 m


Similar Part No. - IXTH40N50L2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH40N50L2 ISC-IXTH40N50L2 Datasheet
271Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH40N50L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXFA90N20X3 IXYS-IXFA90N20X3 Datasheet
242Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
IXFN220N20X3 IXYS-IXFN220N20X3 Datasheet
153Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXFT120N30X3HV IXYS-IXFT120N30X3HV Datasheet
257Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com