Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL23EBG-SH2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UL23EBG-SH2-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL23EBG-SH2-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UL23EBG-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL23EBG-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL23EBG-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL23EBG-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL23EBG-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL23EBG-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL23EBG-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL23EBG-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UL23EB
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R125-071.c
MULTIPLE IC PARALLEL SCHEMES
UL23EB
support multiple IC parallel schemes, If the output power is too large that the IC over temperature, Multiple
IC parallel schemes can be adopted.
Typical Applications:RREXT1=RREXT3=RREXT5=180Ω,RREXT2=RREXT4=RREXT6=20Ω, 0.3S < Switching Period < 3S;
Open the switch for the 1st time, IOUT=90mA;
Open the switch for the 2nd time, IOUT=45mA;
Open the switch for the 3rd time, IOUT=9mA;
The dimming ratio is 100%, 50%, 10%
When the switching period > 3S, System reset.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com