Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL82BG-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UL82BG-AB3-R
Description  NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL82BG-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UL82BG-AB3-R Datasheet HTML 1Page - Unisonic Technologies UL82BG-AB3-R Datasheet HTML 2Page - Unisonic Technologies UL82BG-AB3-R Datasheet HTML 3Page - Unisonic Technologies UL82BG-AB3-R Datasheet HTML 4Page - Unisonic Technologies UL82BG-AB3-R Datasheet HTML 5Page - Unisonic Technologies UL82BG-AB3-R Datasheet HTML 6Page - Unisonic Technologies UL82BG-AB3-R Datasheet HTML 7Page - Unisonic Technologies UL82BG-AB3-R Datasheet HTML 8Page - Unisonic Technologies UL82BG-AB3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UL82B
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 12
www.unisonic.com.tw
QW-R125-056.a
PIN CONFIGURATION
DRAIN
CS
VDD
VDD
DRAIN
CS
SOT-23 / SOT-23-3
TO-92
1
2
3
1
2
3
CS
DRAIN
1
2
3
4
8
7
6
5
CS
CS
CS
NC
NC
VDD
HSOP-8
CS
12
3
VDD
DRAIN
CS
SOT-89
PIN DESCRIPTION
PIN NO.
SOT-23
SOT-23-3
SOT-89
HSOP-8
TO-92
PIN NAME
DESCRIPTION
1
2
1
1
VDD
Power Supply
2
1
4
3
DRAIN
The Internal High-Voltage Drain
3
3
5, 6, 7, 8
2
CS
Float Ground and Current Sampling Pin
-
-
2, 3
-
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com