Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL318G-S28-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UL318G-S28-R
Description  SERIAL-INTERFACED 10-DIGIT LED CONTROLLER IC WITH KEYSCAN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL318G-S28-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UL318G-S28-R Datasheet HTML 1Page - Unisonic Technologies UL318G-S28-R Datasheet HTML 2Page - Unisonic Technologies UL318G-S28-R Datasheet HTML 3Page - Unisonic Technologies UL318G-S28-R Datasheet HTML 4Page - Unisonic Technologies UL318G-S28-R Datasheet HTML 5Page - Unisonic Technologies UL318G-S28-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UL318
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R125-087.a
PIN CONFIGURATIONS
PIN CONFIGURATIONS
PIN NUMBER
SYMBOL
TYPE
FUNCTION
1
NC
/
NC
2
DIO
IN/OUT
Output serial data at falling edge of the shift clock, starting from
lower bit. Input serial data is clocked in at rising edge of the shift
clock, starting from lower bit.
3
CLK
IN
Reads serial data at rising edge, and outputs data at falling
edge.
4
STB
IN
Initializes serial interface at rising or falling edge for reception of
command. Data input after the falling edge of STB are processed
as a command. While command data are processed, current
processing is stopped, and the serial interface is initialized. While
STB is high, instructions are ignored.
5
K1
6
K2
IN
Key input
8 ~ 17
SEG1/KS1
∫
SEG10/KS10
OUT
Segment output pin (dual function as key source)
18 ~ 20
SEG12/GRID7
∫
SEG14/GRID5
OUT
Segment output pin (dual function as Digit output pin)
27,26,24,23
GRID1
∫
GRID4
OUT
Digit output pin
7,21
VDD
PWR
5.0 V ± 10% Core main supply voltage. Bypass to GND through
a 0.1 μF capacitor as close to the pin as possible
22, 25, 28
GND
PWR
Connect this pin to system GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com