Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC6002G-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULC6002G-AE2-R
Description  SPECIAL DRIVE FOR LED FLASHLIGHT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC6002G-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULC6002G-AE2-R Datasheet HTML 1Page - Unisonic Technologies ULC6002G-AE2-R Datasheet HTML 2Page - Unisonic Technologies ULC6002G-AE2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULC6002
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 3
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R140-011.a
SPECIAL DRIVE FOR LED
FLASHLIGHT
DESCRIPTION
UTC ULC6002 is a drive chip designed specifically for LED
flashlights using dry batteries. It is suitable for one or two LED
drives for dry battery applications. It only needs one inductive
element on the periphery and is adjusted by the peripheral
inductive element. Can meet the LED flashlight for different
brightness requirements.
UTC ULC6002 has high reliability, high efficiency, wide
operating voltage range, simple to use, and good production
consistency.
FEATURES
* Minimum operating input voltage 0.9V
* Over 100mA output current
* 85% efficiency
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULC6002L-AE2-R
ULC6002G-AE2-R
SOT-23-3
Tape Reel
Note:
Pin Assignment: I: VCC
O: VOUT
G: GND
MARKING


Similar Part No. - ULC6002G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
ULC6001G-S08-R UTC-ULC6001G-S08-R Datasheet
101Kb / 4P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
ULC6001L-S08-R UTC-ULC6001L-S08-R Datasheet
101Kb / 4P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results

Similar Description - ULC6002G-AE2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM900 ETC-ELM900 Datasheet
101Kb / 3P
WHITE LED FLASHLIGHT DRIVER
logo
Unisonic Technologies
UC3501 UTC-UC3501 Datasheet
145Kb / 4P
HIGH EFFICIENT, LOW COST FLASHLIGHT LED DRIVE
UC3501 UTC-UC3501_15 Datasheet
145Kb / 4P
HIGH EFFICIENT, LOW COST FLASHLIGHT LED DRIVE
logo
Shenzhen Titan Micro El...
TM1638 TITAN-TM1638 Datasheet
1Mb / 18P
Special circuit for LED drive control
logo
Shenzhen Putianhe Techn...
TA1670 PTH-TA1670 Datasheet
292Kb / 6P
PantIng drive control LED special drive control IC
TA1671 PTH-TA1671 Datasheet
281Kb / 7P
PantIng drive control LED special drive control IC
TM1803 PTH-TM1803 Datasheet
596Kb / 11P
Three channel LED drive control special circuit
TM1812 PTH-TM1812 Datasheet
593Kb / 11P
12 - channel LED drive control special circuit
logo
Shenzhen Huazhimei Semi...
HM6002 HMSEMI-HM6002 Datasheet
698Kb / 7P
Flashlight LED driver IC
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
Special driver for LED flashlight
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com