Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULD5121G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULD5121G-AF5-R
Description  ADAPTIVE 100/120Hz CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD5121G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULD5121G-AF5-R Datasheet HTML 1Page - Unisonic Technologies ULD5121G-AF5-R Datasheet HTML 2Page - Unisonic Technologies ULD5121G-AF5-R Datasheet HTML 3Page - Unisonic Technologies ULD5121G-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ULD5121
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R125-073..a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Junction Temperature
TJ
150
°C
Lead Temperature
TL
260
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Junction Temperature
TJ
+150
°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Junction to Case
θJC
10
°C/W
ELECTRICAL CHARACTERISTICS TA=25ºC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Resistance Between D Pin and VC Pin
RD_VC
40
47
52
KΩ
Resistance Between G Pin and VC Pin
RG_VC
4.6
5.1
5.6
KΩ
Voltage (D Pin to VT Pin)
VD_VT
0.5
0.7
0.9
V
Voltage (VT Pin to VC Pin)
VVT_VC
5
6.5
8
V
Voltage (G Pin to S Pin)
VG_S
5
6.5
8
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com