Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL68DL-50-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL68DL-50-AA3-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL68DL-50-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL68DL-50-AA3-R Datasheet HTML 1Page - Unisonic Technologies UL68DL-50-AA3-R Datasheet HTML 2Page - Unisonic Technologies UL68DL-50-AA3-R Datasheet HTML 3Page - Unisonic Technologies UL68DL-50-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UL68D
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R125-084.a
HIGH ACCURACY LINEAR
CONSTANT CURRENT LED
DRIVER
DESCRIPTION
The UTC UL68D is a linear constant current IC with a built-in
power MOSFET. The output current can be adjusted from 5mA to
100mA, and constant current accuracy up to ± 3%. The application
scheme is simple and the cost is low. This device also incorporates
temperature compensation and thermal shutdown functions.
FEATURES
* 5mA ~ 100mA Output Current
* Up to ± 3% Constant Current Accuracy
* No EMC Problem
* Temperature Compensate
* Thermal Shutdown
SOT-89
1
SOT-223
1
1
TO-252
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UL68DL-xx-AA3-R
UL68DG-xx-AA3-R
SOT-223
Tape Reel
UL68DL-xx-AB3-R
UL68DG-xx-AB3-R
SOT-89
Tape Reel
UL68DL-xx-TN3-R
UL68DG-xx-TN3-R
TO-252
Tape Reel
Note:
xx: Output Voltage, refer to Marking Information.


Similar Part No. - UL68DL-50-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL68A UTC-UL68A Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68AG-25-AA3-R UTC-UL68AG-25-AA3-R Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68AG-25-AB3-R UTC-UL68AG-25-AB3-R Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68AG-25-TN3-R UTC-UL68AG-25-TN3-R Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68AG-26-AA3-R UTC-UL68AG-26-AA3-R Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
More results

Similar Description - UL68DL-50-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL68B UTC-UL68B Datasheet
139Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL62 UTC-UL62 Datasheet
121Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL67C UTC-UL67C Datasheet
155Kb / 6P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL23EA UTC-UL23EA Datasheet
382Kb / 13P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66A UTC-UL66A Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66B UTC-UL66B Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66D UTC-UL66D Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66X UTC-UL66X Datasheet
119Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68A UTC-UL68A Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68C UTC-UL68C Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com