Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 153 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 149Page - Texas Instruments AM6528 Datasheet HTML 150Page - Texas Instruments AM6528 Datasheet HTML 151Page - Texas Instruments AM6528 Datasheet HTML 152Page - Texas Instruments AM6528 Datasheet HTML 153Page - Texas Instruments AM6528 Datasheet HTML 154Page - Texas Instruments AM6528 Datasheet HTML 155Page - Texas Instruments AM6528 Datasheet HTML 156Page - Texas Instruments AM6528 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 299 page
background image
153
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-27. System Clocks Operating Frequency Range (continued)
System Clocks (1)
Bypass Min
(MHz)
Bypass Max
(MHz)
Minimum Operating Frequency
(MHz)
PLL1 (PER0 PLL)
PLL2 (PER1 PLL)
PLL3 (DDR PLL)
PLL4 (DSS PLL)
PLL6 (ARM0 PLL)
PLL7 (ARM1 PLL)
MCU_PLL0
MCU_PLL1
(1) Supported input reference clock frequencies to the PLL are 19.2/24/25/26 MHz only.
(2) Interconnect clock on DSS is CPU/4. This will range from 100 MHz to 250 MHz.
(3) When Main PLL is configured to 400 MHz mode, DSS can only support a Max Pixel clock of 74.25 MHz. For lower resolution Displays
the DSS clock can be lower than 74.25 MHz.
5.11.4.5 Device Inputs and Outputs Module Clocks Frequencies
NOTE
NOTE TO USERS:
The content of this section is UNDER DEVELOPMENT!
5.11.4.6 Recommended Clock and Control Signal Transition Behavior
All clocks and strobe signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner. Monotonic transitions are more easily ensured with faster switching signals. Slower input
transitions are more susceptible to glitches due to noise, and special care must be taken for slow input
clocks.
5.11.4.7 Interface Clock Specifications
5.11.4.7.1 Interface Clock Terminology
The interface clock is used at the system level to sequence the data and to control transfers accordingly
with the interface protocol.
5.11.4.7.2 Interface Clock Frequency
The two interface clock characteristics are:
•
The maximum clock frequency
•
The maximum operating frequency
The interface clock frequency documented here is the maximum clock frequency, which corresponds to
the maximum frequency programmable on this output clock. This frequency defines the maximum limit
supported by the Device IC and does not take into account any system consideration (PCB, peripherals).
The system designer must take into account these system considerations and the Device IC timing
characteristics to properly define the maximum operating frequency that corresponds to the maximum
frequency supported to transfer the data on this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com