Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 4 Page - Texas Instruments

  AM6528 Datasheet HTML 1Page - Texas Instruments AM6528 Datasheet HTML 2Page - Texas Instruments AM6528 Datasheet HTML 3Page - Texas Instruments AM6528 Datasheet HTML 4Page - Texas Instruments AM6528 Datasheet HTML 5Page - Texas Instruments AM6528 Datasheet HTML 6Page - Texas Instruments AM6528 Datasheet HTML 7Page - Texas Instruments AM6528 Datasheet HTML 8Page - Texas Instruments AM6528 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 299 page
background image
4
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device Overview
Copyright © 2017–2018, Texas Instruments Incorporated
1.3
Description
AM654x and AM652x Sitara Arm applications processors are built to meet the complex processing needs
of modern industrial embedded products.
The AM654x and AM652x devices combine four or two Arm Cortex-A53 cores with a dual Cortex-R5F
MCU subsystem which includes features intended to help customers achieve their functional safety goals
for their end products and three Gigabit industrial communications subsystems (PRU_ICSSG) to create a
SoC capable of high-performance industrial controls with industrial connectivity and processing for
functional safety applications. AM65xx is currently undergoing assessment to be certified by TÜV SÜD
according to IEC 61508.
The four A53 cores are arranged in two dual-core clusters with shared L2 memory to create two
processing channels. Extensive ECC is included on on-chip memory, peripherals, and interconnect for
reliability. The SoC as a whole includes features intended to help customers design systems that can
achieve their functional safety goals (assessment pending with TÜV SÜD). Cryptographic acceleration and
secure boot are available on AM654x and AM652x devices in addition to granular firewalls managed by
the DMSC.
Programmability is provided by the quad-core Arm Cortex-A53 RISC CPUs with Neon extension, and the
dual Cortex-R5F MCU subsystem is available for general purpose use as two cores or it can be used in
lockstep to help meet the needs of functional safety applications. The PRU_ICSSG subsystems can be
used to provide up to six ports of industrial Ethernet such as Profinet IRT, TSN, or EtherCAT™ (among
many others), or they can be used for standard Gigabit Ethernet connectivity.
TI provides a complete set of software and development tools for the Arm cores including Processor SDK
Linux-RT, RTOS, and Android as well as C compilers and a debugging interface for visibility into source
code execution. Applicable safety documentation will be made available to assist customers in developing
their functional safety related systems.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
AM6548
(784-Pin) S-PBGA
23.0 mm × 23.0 mm
AM6528
(784-Pin) S-PBGA
23.0 mm × 23.0 mm
AM6546
(784-Pin) S-PBGA
23.0 mm × 23.0 mm
AM6526
(784-Pin) S-PBGA
23.0 mm × 23.0 mm
AM6527
(784-Pin) S-PBGA
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com