Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 293 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 293 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 289Page - Texas Instruments AM6528 Datasheet HTML 290Page - Texas Instruments AM6528 Datasheet HTML 291Page - Texas Instruments AM6528 Datasheet HTML 292Page - Texas Instruments AM6528 Datasheet HTML 293Page - Texas Instruments AM6528 Datasheet HTML 294Page - Texas Instruments AM6528 Datasheet HTML 295Page - Texas Instruments AM6528 Datasheet HTML 296Page - Texas Instruments AM6528 Datasheet HTML 297Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 299 page
background image
293
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device and Documentation Support
Copyright © 2017–2018, Texas Instruments Incorporated
Table 8-1. Nomenclature Description (continued)
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
Ss
Security Identifier
S1
High-Security device, Secure Boot Supported
SB
Dummy key High-Security device, Secure Boot Supported
BLANK
General purpose device
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code; For TI use only
ZZZ
Production Code; For TI use only
O
Pin one designator
G1
ECAT—Green package designator
(1) To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
(2) Applies to device max junction temperature.
NOTE
X6580ACD is a prototype part that is functionally equivalent to XAM6548ACDXEAF.
NOTE
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
8.2
Tools and Software
The following products support development for AM65xx platforms:
Development Tools
AM65xx Clock Tree Tool is an interactive clock tree configuration software that allows the user to
visualize the device clock tree, interact with clock tree elements and view the effect on configuration
registers, interact with the configuration registers and view the effect on the device clock tree, and view a
trace of all the device registers affected by the user interaction with the clock tree.
AM65xx Pin Mux Utility is an interactive application that helps a system designer select the appropriate
pin-multiplexing configuration for their device-based product design. The Pin Mux Utility provides a way to
select valid IO Sets of specific peripheral interfaces to ensure the pinmultiplexing configuration selected for
a design only uses valid IO Sets supported by the device.
8.3
Documentation Support
The following documents describe the AM65xx devices.
TRM
AM65x Multicore Arm KeyStone III System-on-Chip (SoC) Technical Reference Manual
Details the integration, the environment, the functional description, and the programming
models for each peripheral and subsystem in the AM65xx family of devices.
Errata
AM65x Multicore Arm KeyStone III System-on-Chip (SoC) Silicon Errata Describes
known exceptions to the functional specifications (advisories) with workarounds and
situations where the device's behavior may not match presumed or documented behavior
(usage notes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com