Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 121 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 117Page - Texas Instruments AM6528 Datasheet HTML 118Page - Texas Instruments AM6528 Datasheet HTML 119Page - Texas Instruments AM6528 Datasheet HTML 120Page - Texas Instruments AM6528 Datasheet HTML 121Page - Texas Instruments AM6528 Datasheet HTML 122Page - Texas Instruments AM6528 Datasheet HTML 123Page - Texas Instruments AM6528 Datasheet HTML 124Page - Texas Instruments AM6528 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 299 page
background image
121
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.5
Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of
each operating performance point for processor clocks and device core clocks.
CAUTION
The OPP voltage and frequency values may change following the silicon
characterization result.
Table 5-1 describes the maximum supported frequency per speed grade for the device.
Table 5-1. Speed Grade Maximum Frequency
Device Speed
Maximum frequency (MHz)
MPU
MCU
DMSC
GPU
CBASS0
DDR3L/DDR4
LPDDR4
AM6548
1100
400
200
450
250
800 (DDR-1600)
667 (DDR-1333)
AM6528
1100
400
200
450
250
800 (DDR-1600)
667 (DDR-1333)
AM6546
1100
400
200
N/A
250
800 (DDR-1600)
667 (DDR-1333)
AM6526
1100
400
200
N/A
250
800 (DDR-1600)
667 (DDR-1333)
AM6527
1100
400
200
N/A
250
800 (DDR-1600)
667 (DDR-1333)
(1) N/A in this table stands for Not Applicable.
5.5.1
Core Clock Specifications
Table 5-2 describes the standard processor clocks speed characteristics vs OPP of the device.
Table 5-2. Supported OPP vs Max Frequency (2)
DESCRIPTION
OPP_NOM
OPP_OD
OPP_TURBO
Max Freq. (MHz)
Max Freq. (MHz)
Max Freq. (MHz)
VD_CORE
GPU
450
N/A
N/A
DDR3L/DDR4
800 (DDR-1600)
N/A
N/A
LPDDR4
667 (DDR-1333)
N/A
N/A
CBASS0
250
N/A
N/A
VD_MPU0
MPU0
800
1000
1100
VD_MPU1
MPU1
800
1000
1100
VD_MCU
MCU
400
N/A
N/A
VD_WKUP
DMSC
200
N/A
N/A
(1) N/A in this table stands for Not Applicable.
(2) Maximum supported frequency is limited according to the Device Speed Grade (see Table 5-1).
5.6
Power Consumption Summary
For information on the device power consumption, see the Power Estimation SpreadSheet provided in
AM654x, AM652x Power Consumption Model.
5.7
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com