Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 245 Page - Texas Instruments

Part # AM6527
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 245 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 241Page - Texas Instruments AM6527 Datasheet HTML 242Page - Texas Instruments AM6527 Datasheet HTML 243Page - Texas Instruments AM6527 Datasheet HTML 244Page - Texas Instruments AM6527 Datasheet HTML 245Page - Texas Instruments AM6527 Datasheet HTML 246Page - Texas Instruments AM6527 Datasheet HTML 247Page - Texas Instruments AM6527 Datasheet HTML 248Page - Texas Instruments AM6527 Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 299 page
background image
245
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Two Real-Time Transfer Units (RTU_PRU0 and RTU_PRU1), each with
–
8KB program memory with ECC
–
16KB Broadside (BS) RAM
–
MAC (Multiplier with optional Accumulation)
–
CRC32/16 HW accelerator
–
Byte Swap, for Little/Big Endian conversion
–
Two instances of SUM32
–
Task Manager
–
XFR2TR, for accelerating the internal memory copy of worklist from TR
–
Supports 128-bit wide PSI-L RX/TX port for streaming access through NAVSS0
•
Scratchpad Memory (SPAD) with 4 banks of 30 x 32-bit registers
•
64KB Shared general purpose memory RAM with ECC (signified Data RAM2), shared between PRU0
and PRU1
•
Two 8KB Data Memories with ECC (signified Data RAM0 and Data RAM1)
•
Two 256-bit VBUSM Master Ports:
–
Separate port for each PRUn/RTU_PRUn (where n = 0 or 1)
–
Optional address translation for PRUn (where n = 0 or 1) transactions to External Host
•
16 Software Events generated by 2 PRUs
•
Two Real-Time Ethernet ports (MII_G_RT1 and MII_G_RT2) configurable to connect to each PRUn
(where n = 0 or 1) to support multiple industrial communication protocols.
–
Each of the Ethernet ports can be configured as MII/RGMII/SGMII ports
–
NOTE: SGMII mode is supported only for PRU_ICSSG2 instance
•
Two Industrial Ethernet Peripheral's (IEP0/IEP1) to manage/generate Industrial Ethernet functions such
as time stamping.
–
Each of the Industrial Ethernet 64-bit timers support 10 capture and 16 compare events along with
slow and fast compensation.
–
Supports up to 4 sets of 3 phased motor control with 12 primary and 12 complimentary
programmable PWM outputs.
–
Up to 9 safety events with optional external trip IO per PWM set with hardware glitch filter.
•
One MDIO port to control external Ethernet PHY
•
One Enhanced Capture Module (ECAP0)
•
16550-compatible UART with a dedicated 192MHz clock to support 12-Mbps PROFIBUS®
•
Interrupt Controller (INTC)
–
Up to 64 internal events, generated by modules, internal to the PRU_ICSSG
–
Up to 96 external events, generated by the system
–
Supports up to 20 interrupt channels
–
Generation of 20 Host interrupts:
•
2 Host interrupts to PRU0 and PRU1
•
2 Host interrupts to RTU_PRU0 and RTU_PRU1
•
8 Host interrupts, exported from the PRU_ICSSG for signaling the Arm interrupt controllers
(pulse and level provided)
•
8 Host Interrupts for the Task Managers
–
Each system event can be enabled and disabled
–
Each host event can be enabled and disabled
–
Hardware prioritization of events
•
One 32-bit VBUSP slave (target) port for memory mapped register and internal memories access
•
Flexible power management support
•
Integrated 32-bit Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com