Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 247 Page - Texas Instruments

Part # AM6527
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 247 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 243Page - Texas Instruments AM6527 Datasheet HTML 244Page - Texas Instruments AM6527 Datasheet HTML 245Page - Texas Instruments AM6527 Datasheet HTML 246Page - Texas Instruments AM6527 Datasheet HTML 247Page - Texas Instruments AM6527 Datasheet HTML 248Page - Texas Instruments AM6527 Datasheet HTML 249Page - Texas Instruments AM6527 Datasheet HTML 250Page - Texas Instruments AM6527 Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 299 page
background image
247
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Separate local memory bank within subsystem for I-code and d-code
–
192KB of Instruction code (I-code).
–
80KB of data space (D-code), split in 2 banks.
–
I-code and D-code can be mixed in any memory bank.
–
External world can access these memories if allowed via Firewall.
•
Firewall enabled 32-bits VBUSP CBA-SS interconnect
–
Low latency access from Cortex-M3 to ROM/RAM.
–
Cross-bar to allow Cortex-M3 and external host to access resources within DMSC.
–
Firewall policies enforced at each slave port to restrict access.
–
Channelized firewall for Message manager.
–
External 32-bits VBUSP master and slave interface
–
Address translation module to allow Cortex-M3 to reach any memory, with option Security
attributes.
•
Interrupts
–
Up to 80 input interrupts
•
Active high level or pulse interrupts – internally treated as asynchronous.
•
Capable of Waking up the DMSC and SoC from Standby mode.
•
Configurable Wakeup capability.
–
Interrupt Aggregator module for MiniNav and Main Nav interrupts
•
Four timer module
–
32-bits up counter.
–
64-bits can be achieved by cascading two timer modules.
•
One WW RTI module (watch dog timer)
–
RTI mode.
–
WatchDog
–
Issue cold/warm reset to SoC.
•
Debug
–
DAP based debug interface to Arm core.
–
Full debug support inside Arm core. All debug functionality is present including data matching for
watch point generation.
–
Standard trace support using ITM.
–
Limited Support for external Arm cross trigger interface (CTI) by providing interface signal to halt.
•
Fault Detection and Correction
–
Supports Double detection and Single error correction for I-code memory
–
Supports Double detection and Single error correction for D-code memory
–
Lock-Unlock based on 32bit keys for critical MMR writes.
–
Dedicated fault detected interrupt output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com