Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1732-4 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1732-4
Description  Lithium-Ion Linear Battery Charger Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1732-4 Datasheet(HTML) 2 Page - Linear Technology

  LTC1732-4 Datasheet HTML 1Page - Linear Technology LTC1732-4 Datasheet HTML 2Page - Linear Technology LTC1732-4 Datasheet HTML 3Page - Linear Technology LTC1732-4 Datasheet HTML 4Page - Linear Technology LTC1732-4 Datasheet HTML 5Page - Linear Technology LTC1732-4 Datasheet HTML 6Page - Linear Technology LTC1732-4 Datasheet HTML 7Page - Linear Technology LTC1732-4 Datasheet HTML 8Page - Linear Technology LTC1732-4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1732-4/LTC1732-4.2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Voltage
q
4.5
12
V
ICC
Input Supply Current
Charger On, Current Mode
q
13
mA
Shutdown Mode
q
13
mA
Sleep Mode (Battery Drain Current)
7
20
µA
VBAT
Regulated Output Voltage
LTC1732-4; 5V
≤ VCC ≤ 12V, VSEL = GND
q
4.059
4.1
4.141
V
LTC1732-4/LTC1732-4.2; 5V
≤ VCC ≤ 12V, VSEL = VCC
q
4.158
4.2
4.242
V
IBAT
Current Mode Charge Current
RPROG = 19.6k, RSENSE = 0.2Ω
465
500
535
mA
RPROG = 19.6k, RSENSE = 0.2Ω
q
415
585
mA
RPROG = 97.6k, RSENSE = 0.2Ω
60
100
140
mA
ITRIKL
Trickle Charge Current
VBAT = 2V, RPROG = 19.6k, ITRIKL = (VCC – VSENSE)/0.2Ω q
30
50
110
mA
VTRIKL
Trickle Charge Threshold Voltage
From Low to High
q
2.35
2.457
2.55
V
VUV
VCC Undervoltage Lockout Voltage
From Low to High
q
4.1
4.5
V
∆VUV
VCC Undervoltage Lockout Hysteresis
200
mV
VMSD
Manual Shutdown Threshold Voltage
PROG Pin Low to High
2.457
V
PROG Pin High to Low
2.446
V
VASD
Automatic Shutdown Threshold Voltage
(VCC – VBAT) High to Low
30
54
90
mV
(VCC – VBAT) Low to High
40
69
100
mV
VDIS
Voltage Mode Disable Threshold Voltage
VDIS = VCC – VTIMER
0.4
V
IPROG
PROG Pin Current
Internal Pull-Up Current, No RPROG
2.5
µA
PROG Pin Source Current,
∆VPROG ≤ 5mV
q
300
µA
VPROG
PROG Pin Voltage
RPROG =19.6k
2.457
V
VACPR
ACPR Pin Output Low Voltage
IACPR = 5mA
0.7
1.2
V
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG = 1V
15
35
55
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.6
1.2
V
VSEL
SEL Pin Threshold
q
0.3
2
V
ORDER PART
NUMBER
(Note 1)
Input Supply Voltage (VCC) ................................... 13.2V
SENSE, DRV, BAT, SEL, TIMER, PROG,
CHRG, ACPR ......................................... – 0.3V to 13.2V
Operating Temperature Range (Note 2) .... – 40
° to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC1732EMS-4
LTC1732EMS-4.2
TJMAX = 140°C, θJA = 180°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
MS10 PART MARKING
LTNJ
LTUA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 6V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
1
2
3
4
5
BAT
SEL
CHRG
TIMER
GND
10
9
8
7
6
ACPR
SENSE
VCC
DRV
PROG
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com