Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEC40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FEC40
Description  OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FEC40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FEC40 Datasheet HTML 1Page - List of Unclassifed Manufacturers FEC40 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
IIN
NP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
O
OU
UT
TP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
P
PH
HY
YS
SIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SA
AF
FE
ET
TIIE
ES
S//A
AP
PP
PR
RO
OV
VA
AL
LS
S
1
FEATURES
40 WATT OUTPUT POWER
UP TO TRIPLE OUTPUTS
EXTREMELY RELIABLE
SIX SIDED CONTINOUS SHIELD
HIGH EFFICIENCY UP TO 90%
SHORT CIRCUIT PROTECTION
DIRECT PCB-SOLDERING
INDUSTRY STANDARD 2 X 2 X.04 PACKAGE
INTERNATIONAL SAFETY STANDARD
APPROVALS
4
40
0 W
WA
AT
TT
T D
DC
C//D
DC
C C
CO
ON
NV
VE
ER
RT
TE
ER
R
S
SIIN
NG
GL
LE
E,, D
DU
UA
AL
L &
& T
TR
RIIP
PL
LE
E O
OU
UT
TP
PU
UT
TS
S
F
FE
EC
C4400 S
Seerriieess
Input Voltage Range.........................2 : 1
Input Filter........................................ PI-Network
Output Voltage Accuracy...... .±1%
Voltage Adjustability
Single & Dual……….±1%
Triple....………………±3%
Minimum Load
Single & Dual .………0%
Triple …………………10% of FL
Over-Current Protection. ..…..150% max
Line Regulation
Single/Dual………….±0.5%
Triple…………. .…….±1%(Main)/ ±5%(Auxiliary)
Load Regulation………………...….±0.5%
(Load Rate 10% ~ 100%)
Isolation Voltage…………...1600VDC min
MTBF................................. >1.398 x 10
6 hours
Isolation Resistance.......….10
9ohms min
Isolation Capacitance………1000pF max
Switching Frequency……….300Khz typical
Operating Temperature ...................-40°C ~ +85°C
Temperature Coefficient...................±0.02%/ °C
Humidity.......................................... 5%~95% RH
Storage Temperature...................... -55°C ~ +105°C
Case Material..........................Nickel-Coated Copper
Base Material..........................Non-Conductive
Black Plastic
UL, TUV, CE
All specifications are typical at nominal input, full load


Similar Part No. - FEC40

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40 Datasheet
633Kb / 4P
Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Power Mate Technology C...
FEC40-12D12 P-DUKE-FEC40-12D12 Datasheet
356Kb / 4P
40 WATTS MAXIMUM OUTPUT POWER
FEC40-12D12 P-DUKE-FEC40-12D12 Datasheet
350Kb / 3P
40 WATTS DC-DC CONVERTER
FEC40-12D15 P-DUKE-FEC40-12D15 Datasheet
356Kb / 4P
40 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - FEC40

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
40 Watt Single, Dual, Positive Dual & Triple Output
RP60-123.3SE RECOM-RP60-123.3SE Datasheet
97Kb / 4P
60 Watt Single, Dual & Positive Dual Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
40 Watt Single, Dual, Positive Dual & Triple Output
logo
Artesyn Technologies
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
Single, dual and triple output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
Single, Dual and Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com