Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS280 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS280
Description  TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS280 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS280 Datasheet HTML 1Page - Integrated Device Technology ICS280 Datasheet HTML 2Page - Integrated Device Technology ICS280 Datasheet HTML 3Page - Integrated Device Technology ICS280 Datasheet HTML 4Page - Integrated Device Technology ICS280 Datasheet HTML 5Page - Integrated Device Technology ICS280 Datasheet HTML 6Page - Integrated Device Technology ICS280 Datasheet HTML 7Page - Integrated Device Technology ICS280 Datasheet HTML 8Page - Integrated Device Technology ICS280 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS280
IDT® TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
1
ICS280
REV G 030212
Description
The ICS280 field programmable spread spectrum clock
synthesizer generates up to four high-quality,
high-frequency clock outputs including multiple reference
clocks from a low-frequency crystal input. It is designed to
replace crystals, crystal oscillators and stand alone spread
spectrum devices in most electronic systems.
Using IDT’s VersaClockTM software to configure PLLs and
outputs, the ICS280 contains a One-Time Programmable
(OTP) ROM for field programmability. Programming
features include input/output frequencies, spread spectrum
amount and eight selectable configuration registers.
Using Phase-Locked Loop (PLL) techniques, the device
runs from a standard fundamental mode, inexpensive
crystal, or clock. It can replace multiple crystals and
oscillators, saving board space and cost.
The ICS280 is also available in factory programmed custom
versions for high-volume applications.
Features
• Packaged as 16-pin TSSOP – Pb-free, RoHS compliant
• Eight addressable registers
• Replaces multiple crystals and oscillators
• Output frequencies up to 200 MHz at 3.3 V
• Configurable Spread Spectrum Modulation
• Input crystal frequency of 5 to 27 MHz
• Input clock frequency of 3 to 166 MHz
• Up to four reference outputs
• Operating voltages of 3.3 V
• Controllable output drive levels
• Advanced, low-power CMOS process
Block Diagram
Crystal
Oscillator
GND
3
3
VDD
PDTS
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
S2:S0
3
OTP
ROM
with PLL
Values
X2
Crystal or
Clock Input
External capacitors
are required with a crystal input.
X1/ICLK
PLL1 with
Spread
Spectrum
CLK1
CLK3
CLK4
CLK2


Similar Part No. - ICS280

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
ICS280 ICSI-ICS280 Datasheet
160Kb / 8P
Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
ICS280PG ICSI-ICS280PG Datasheet
160Kb / 8P
Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
ICS280PGI ICSI-ICS280PGI Datasheet
160Kb / 8P
Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
ICS280PGILF ICSI-ICS280PGILF Datasheet
160Kb / 8P
Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
ICS280PGLF ICSI-ICS280PGLF Datasheet
160Kb / 8P
Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
More results

Similar Description - ICS280

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS291 ICST-ICS291 Datasheet
172Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
ICS290 ICST-ICS290 Datasheet
170Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
Revision 062305
ICS281 ICST-ICS281 Datasheet
169Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
Revision 062205
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Integrated Device Techn...
ICS291 IDT-ICS291 Datasheet
222Kb / 10P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS291 IDT-ICS291_10 Datasheet
226Kb / 10P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS290 IDT-ICS290 Datasheet
114Kb / 9P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com