Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-REF03-CAN1 Datasheet(PDF) 2 Page - Recom International Power

Part # R-REF03-CAN1
Description  Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF03-CAN1 Datasheet(HTML) 2 Page - Recom International Power

  R-REF03-CAN1 Datasheet HTML 1Page - Recom International Power R-REF03-CAN1 Datasheet HTML 2Page - Recom International Power R-REF03-CAN1 Datasheet HTML 3Page - Recom International Power R-REF03-CAN1 Datasheet HTML 4Page - Recom International Power R-REF03-CAN1 Datasheet HTML 5Page - Recom International Power R-REF03-CAN1 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.recom-power.com
REV.: 0/2018
P-2
Reference Design
Specifications (measured @ Ta= 25°C, full load after warm up unless otherwise stated)
R-REF03-CAN1
BASIC CHARACTERISTICS of the R1SX-3.305/H
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
±10.0%
Internal Operating Frequency
20kHz
60kHz
100kHz
Output Ripple and Noise (1)
20MHz BW
100mVp-p
Output Accuracy
±5.0%
Isolation Voltage
I/P to O/P
with suffix “/H”
tested for 1 second
rated for 1 minute
3kVDC
1.5kVAC
Isolation Resistance
10G
Ω
Isolation Capacitance
70pF
Leakage Current
3µA
Operating Temperature Range
-40°C to +100°C
Operating Altitude
5000m
Notes:
Note1: Measurements are made with a 0.1µF MLCC across output. (low ESR)
Notes:
Note2: The reference board may contain pre-production version of the ISO1042. This pre-production version part number is
XISO1042 and this part number is printed on the IC. If your board is populated with the XISO1042, the prototype device
waiver from Texas Instruments (included at the end of this document) is applicable.
Pin Connection
Pin #
Single
1
-Vin
2
+Vin
4
-Vout
5
+Vout
8
NC
NC= no connection
Footprint Details of R1SX (mm)
Top View
8
5
1
4
2
The ISO1042 device is a galvanically-isolated controller area network (CAN) transceiver that meets the specifications of the ISO11898-2 (2016)
standard. The device supports up to 5-Mbps data rate in CAN FD mode allowing much faster transfer of payload compared to classic CAN.
This device uses a silicon dioxide (SiO2) insulation barrier with a withstand voltage of 5000 VRMS. Used in conjunction with isolated
power supplies like R1SX from RECOM, the device prevents noise currents on a data bus or other circuits from entering the local ground and
interfering with or damaging sensitive circuitry.
ISO1042 accepts 1.8V, 2.5V, 3.3V or 5.5V supply voltage on the primary side (VCC1) and 5V on the secondary (VCC2).
For more details about the ISO1042 please visit www.ti.com/product/iso1042
Basic Specification of the ISO1042



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com