Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC06151 Datasheet(PDF) 2 Page - Knowles Electronics

Part # FPC06151
Description  12 to 18GHz 10dB Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

FPC06151 Datasheet(HTML) 2 Page - Knowles Electronics

  FPC06151 Datasheet HTML 1Page - Knowles Electronics FPC06151 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12 to 18GHz 10dB Directional Coupler
FPC06151
www.knowlescapacitors.com
2777 Route 20 East, Cazenovia, NY 13035| Ph.: (315)655-8710 | KCCSales@knowles.com
March 2018
Recommended PCB Layout
50Ω trace dimensions are application specific.
Ensure adequate grounding beneath the part.
Trace feed locations can be horizontal, vertical
or angled.
Physical Dimensions
Top
Bottom
Side
Units = Inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com