Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1601SL-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UCS1601SL-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1601SL-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UCS1601SL-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS1601SL-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS1601SL-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS1601SL-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS1601SL-S08-R Datasheet HTML 5Page - Unisonic Technologies UCS1601SL-S08-R Datasheet HTML 6Page - Unisonic Technologies UCS1601SL-S08-R Datasheet HTML 7Page - Unisonic Technologies UCS1601SL-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UCS1601S
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R103-119.c
FUNCTIONAL DESCRIPTION (Cont.)
(4) Constant Output Power Limit
When the primary current, across the primary wind of transformer, reaches the limit current, the output GATE
driver will be turned off after a small propagation delay tD. This propagation delay will introduce an additional current
proportional to tD×VIN/Lp. Since the propagation delay is nearly constant regardless of the input line voltage VIN.
Higher input line voltage will result in a larger additional current and hence the output power limit is also higher than
that under low input line voltage. To compensate for this output power limit variation across a wide AC input range,
the threshold voltage is adjusted by adding a positive ramp. This ramp signal rises from VSENSE-L to VSENSE_H, and
then flattens out at VSENSE_H. A smaller threshold voltage forces the output GATE drive to terminate earlier. This
reduces the total PWM turn-on time and makes the output power equal to that of low line input. This proprietary
internal compensation ensures a constant output power limit for a wide AC input voltage range (90VAC to 264VAC).
(5) Protection section
The IC takes on more protection functions such as OLP, OVP and OTP etc. In case of those failure modes for
continual blanking time, the driver is shut down. At the same time, IC enters auto-restart, VCC power on and driver is
reset after VCC power on again.
OLP
After power on, IC will shutdown driver if over load state occurs for continual TD-OLP. OLP case as followed Fig.5.
OVP
OVP will shutdown the switching of the power MOSFET whenever VCC>VOVP. The OVP case as followed Fig.6.
Fig.5 OLP case
Fig.6 OVP case
OTP
OTP will shut down driver when junction temperature TJ>T(THR) for continual a blanking time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com