Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US107ALL-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US107ALL-AF5-R
Description  POWER DISTRIBUTION SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US107ALL-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US107ALL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US107ALL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US107ALL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US107ALL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US107ALL-AF5-R Datasheet HTML 5Page - Unisonic Technologies US107ALL-AF5-R Datasheet HTML 6Page - Unisonic Technologies US107ALL-AF5-R Datasheet HTML 7Page - Unisonic Technologies US107ALL-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
US107
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R129-004.d
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6
V
Output Voltage
VOUT
6
V
Output Current
IOUT
Internally Limited
Enable Input
VEN
-0.3 ~ 6
V
Continuous Power Dissipation (Note 2)
PD
0.5
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Please refer to Minimum Footprint PCB Layout Section.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
3.0 ~ 5.5
V
Operating Temperature
TA
-40 ~ +85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 2)
θJA
260
°C/W
Junction to Case
θJC
85
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com