Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3177LG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US3177LG-S08-R
Description  POWER DISTRIBUTION SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3177LG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US3177LG-S08-R Datasheet HTML 1Page - Unisonic Technologies US3177LG-S08-R Datasheet HTML 2Page - Unisonic Technologies US3177LG-S08-R Datasheet HTML 3Page - Unisonic Technologies US3177LG-S08-R Datasheet HTML 4Page - Unisonic Technologies US3177LG-S08-R Datasheet HTML 5Page - Unisonic Technologies US3177LG-S08-R Datasheet HTML 6Page - Unisonic Technologies US3177LG-S08-R Datasheet HTML 7Page - Unisonic Technologies US3177LG-S08-R Datasheet HTML 8Page - Unisonic Technologies US3177LG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
US3X77
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R502-568.D
FUNCTIONAL DESCRIPTION
OVERCURRENT PROTECTION
When the output load exceeds the current-limit threshold, The Over Current Protection will be triggered. The
typical current limit value of UTC US3077/US3277/US3377/US3477/US3577 is 1A, 1.5A, 2A, 2.5A. There is foldback
of current limit when short-circuit being encountered.
OC RESPONSE
The OC open-drain output is asserted (active low) when an over current or over-temperature shutdown condition
is encountered after a 9-ms deglitch timeout. The output remains asserted until the over-current or over-temperature
condition is removed.
THERMAL SHUTDOWN
Thermal shutdown protects UTC US3X77 from excessive power dissipation. If the die temperature exceeds 135°C,
the MOSFET switch is shut off. 20°C of hysteresis prevents the switch from turning on until the die temperature
drops to 115°C. Thermal shutdown circuit functions only when the switch is enabled.
UNDERVOLTAGE LOCKOUT (UVLO)
UVLO (under-voltage lockout) prevents the output MOSFET from turning on until IN (input voltage) exceeds 2.5V
typically. After the switch turns on, if the voltage drops below 2.3V typically, UVLO shuts off the output MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com