Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US107CLL-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US107CLL-AF5-R
Description  POWER DISTRIBUTION SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US107CLL-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  US107CLL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US107CLL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US107CLL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US107CLL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US107CLL-AF5-R Datasheet HTML 5Page - Unisonic Technologies US107CLL-AF5-R Datasheet HTML 6Page - Unisonic Technologies US107CLL-AF5-R Datasheet HTML 7Page - Unisonic Technologies US107CLL-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
US107
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R129-004.d
FUNCTIONAL DESCRIPTION
Input and Output
IN (input) is the power supply connection to the logic circuitry and the drain of the output MOSFET. OUT (output)
is the source of the output MOSFET. In a typical application, current flows through the switch from IN to OUT toward
the load. Both OUT pins must be connected together to the load.
Thermal Shutdown
The thermal shutdown circuit is used to prevent damage occurs when the die temperature becomes higher than
approximately 140°C. After 20°C of hysteresis, the switch will automatically restart if it enabled. When these devices
are disabled or the fault is removed, the output and OC signal will continue to cycle on and off.
Undervoltage Lockout
UVLO (Under-voltage Lockout) turns off the MOSFET switch once the input voltage falls below 2.2V, and the
OC is in active. If the input voltage exceeds approximately 2.4V, the switch will be turned on. Under-voltage
detection functions only when the switch is enabled.
Over Current Trigger Point
The typical over current trigger point of UTC US107 is 2.5A, 2A, 1.5A. There is foldback of current limit when
VIN>3.5V and VOUT<1V.
Output Reverse-Voltage Protection
The output reverse-voltage protection turns off the MOSFET switch whenever the output voltage is higher than
the input voltage by 20mV (typ) for 5ms (typ) and the MOSFET switch will turn on when output reverse-voltage
condition is removed for 5ms (typ).
OC Function
The OC open-drain output is asserted (active low) when an over current condition is encountered after a 9ms
deglitch timeout. The output remains asserted until the overcurrent condition is removed. Over temperature condition
is also reported immediately by OC open-drain output. In addition, OC is also asserted (active low) in output
reverse-voltage condition with typical 5ms deglitch timeout period until the output reverse-voltage condition is
removed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com