Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3477LG-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # US3477LG-S08-R
Description  POWER DISTRIBUTION SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3477LG-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button US3477LG-S08-R Datasheet HTML 2Page - Unisonic Technologies US3477LG-S08-R Datasheet HTML 3Page - Unisonic Technologies US3477LG-S08-R Datasheet HTML 4Page - Unisonic Technologies US3477LG-S08-R Datasheet HTML 5Page - Unisonic Technologies US3477LG-S08-R Datasheet HTML 6Page - Unisonic Technologies US3477LG-S08-R Datasheet HTML 7Page - Unisonic Technologies US3477LG-S08-R Datasheet HTML 8Page - Unisonic Technologies US3477LG-S08-R Datasheet HTML 9Page - Unisonic Technologies US3477LG-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
US3X77
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R502-568.D
TYPICAL APPLICATION CIRCUIT
Supply Voltage 5V
Ferrite Beades
1µF
0.1µF
150µF
VBUS
D+
D-
GND
Data
IN
EN
GND
OUT
OC
UTC
US3X77
Chip Enable
RFG
Pull-Up Resistor (10K ~ 100K)
Over -
Current
Flag Transient Filtering
USB
Controller
0.1µF
10K
Note. A low-ESR 150μF aluminum electrolytic or tantalum between VOUT and GND is strongly recommended to meet
the 330mV maximum droop requirement in the hub VBUS.
POWER SUPPLY CONSIDERATIONS
A 1μF bypass capacitor on IN pins, a
high value capacitor and a 0.1uF bypass capacitor on OUT pins, are
strongly recommended, because
this precaution can reduce a poor risk that an output short may cause
sufficient ringing on the input to damage internal control circuitry.
Input transients must not exceed the absolute maximum supply voltage (6V) even for a short duration.
ENABLE INPUT
EN must be driven logic high or logic low for a clearly defined input. Floating the input may cause unpredictable
operation. EN should not be allowed to go
negative with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com