Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US202HG-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US202HG-AF5-R
Description  100m POWER DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US202HG-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US202HG-AF5-R Datasheet HTML 1Page - Unisonic Technologies US202HG-AF5-R Datasheet HTML 2Page - Unisonic Technologies US202HG-AF5-R Datasheet HTML 3Page - Unisonic Technologies US202HG-AF5-R Datasheet HTML 4Page - Unisonic Technologies US202HG-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
US202/A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-445.F
APPLICATION INFORMATION (Cont.)
Reverse Current Preventing
Since the UTC US202/A’s MOSFET is bi-directional, it allows the voltage on VOUT pin is higher than that on VIN
pin. In order to avoid reverse current occur, turn off this switch or connect VIN to a fixed voltage less than 1.2V.
Layout and Thermal Dissipation
The switch should be placed as close to the USB connector as possible and all traces should be as short as
possible to reduce the effect of undesirable parasitic inductance.
Also, place the output capacitor and ferrite beads to the USB connector as close to as possible.
If ferrite beads are used, use wires kept to a minimum resistance and large solder pads to minimize connection
resistance.
If the package is with dual VOUT or VIN pins, short both the same function pins as Fig.1 or Fig.2 to reduce the
internal turn-on resistance. If the output power is delivered to two individual ports, it is specially necessary to short
both VOUT pin at the switch output side in order to protect the switch when each port are plug-in separately.
Under normal operating conditions, the package can dissipate the channel heat away. Wide power bus planes
connected to VIN and VOUT and a ground plane in contact with the device will help dissipate additional heat.
TYPICAL APPLICATION CIRCUIT
GND
CIN
1µF
COUT (Note)
470µF
EN
VOUT
VOUT
VIN
VOUT
Note: 470µF, Low ESR Electrolytic
VIN
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com