Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US202ALL-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US202ALL-AF5-R
Description  100m POWER DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US202ALL-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US202ALL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US202ALL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US202ALL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US202ALL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US202ALL-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US202/A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-445.F
APPLICATION INFORMATION
The UTC US202/A is a high-side single N-Channel MOSFET switch with active-high enable input.
Input and Output
VIN pin (input) is the power supply connection to the circuitry and the drain of the output MOSFET. VOUT pin (output)
is the source of the output MOSFET. In a typical circuit, current flows through the switch from VIN to VOUT toward the
load. Both VOUT pins must be short on the board and connected to the load and so do both VIN pins but connected to
the power source.
Thermal Shutdown
Thermal shutdown is used to turn off the output MOSFET when the if the temperature is higher than130°C, 20°C
of hysteresis prevents the switch turn on until the die temperature drops to 110°C.
Soft Start
When hot-plug events occur, the soft start is used to eliminate the upstream voltage droop due to the inrush
current. The soft-start protects power supplies from damage caused by highly capacitive loads.
Under-Voltage Lockout
UVLO (Under voltage Lockout) turn off the MOSFET switch once the input voltage falls below 1.8V (TYP.) and if
the input voltage exceeds 1.8V, the switch will be turned on.
Current Limiting and Short Protection
The current limit threshold is preset internally. The minimum value is 1.1A/2.1A. The current limit circuit protects
this device from damage resulting from undesired excess inrush current, which is encountered during hot plug-in
events. The output current is limited to approximately 1.5A/2.5A (TYP). When the output is short to ground, it will
limit to a constant current 1A until thermal shutdown or short condition removed.
Filtering
During the hot-plug events, in order to limit the input voltage drop, a 1μF ceramic capacitor is recommended to be
placed between VIN to GND. However special care must be taken to the values of the capacitor, because higher
capacitor values will further reduce the voltage drop at the input.
In order to prevent inductive parasitic from pulling VOUT negative during turn-off or EMI damage to other
components during the hot detachment, it’s better to connect a sufficient capacitor from VOUT to GND. This capacitor
is also necessary for meeting the USB specification during hot plug-in operation.
If the UTC US202/A is implanted in device and application, minimum 1μF capacitor from VOUT to GND is
recommended. If the VOUT is short to ground frequently during usage, large size input capacitor is necessary,
recommend 22μF.
Choosing these capacitors properly is critical. A lower ESR on the capacitor can get a lower IR drop during the
operation, so the Effective Series Resistance (ESR) of the capacitors must be considered.
For ferrite beads, if they are in series with all power and ground lines, the EMI will be eliminated or reduced. The
DC resistance of the wire kept to a minimum to reduce the voltage drop should be considered in choosing ferrite
beads.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com