Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3377HG-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # US3377HG-S08-R
Description  POWER DISTRIBUTION SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3377HG-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button US3377HG-S08-R Datasheet HTML 2Page - Unisonic Technologies US3377HG-S08-R Datasheet HTML 3Page - Unisonic Technologies US3377HG-S08-R Datasheet HTML 4Page - Unisonic Technologies US3377HG-S08-R Datasheet HTML 5Page - Unisonic Technologies US3377HG-S08-R Datasheet HTML 6Page - Unisonic Technologies US3377HG-S08-R Datasheet HTML 7Page - Unisonic Technologies US3377HG-S08-R Datasheet HTML 8Page - Unisonic Technologies US3377HG-S08-R Datasheet HTML 9Page - Unisonic Technologies US3377HG-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
US3X77
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R502-568.D
TYPICAL CHARACTERISTICS (Cont.)
5V
0
0
500
1000
Time (100ms/div)
0
1A
2A
Short circuit response at start up
10V
5V
0
0
2000
4000
Time (400ms/div)
0
5V
0
Short-circuit current, device
enable into short
2A
10V
CL=47μF
VIN=5V
CIN=47μF
CL=47μF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com