Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US16855L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US16855L-S08-R
Description  DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US16855L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  US16855L-S08-R Datasheet HTML 1Page - Unisonic Technologies US16855L-S08-R Datasheet HTML 2Page - Unisonic Technologies US16855L-S08-R Datasheet HTML 3Page - Unisonic Technologies US16855L-S08-R Datasheet HTML 4Page - Unisonic Technologies US16855L-S08-R Datasheet HTML 5Page - Unisonic Technologies US16855L-S08-R Datasheet HTML 6Page - Unisonic Technologies US16855L-S08-R Datasheet HTML 7Page - Unisonic Technologies US16855L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
US16855
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-558.b
FUNCTION DESCRIPTION
UNDER VOLTAGE LOCKED OUT
UVLO prevents malfunction of the switch because of voltage variation. When input voltage exceeds 2.5V (typical),
the output MOSFET turns on. If input voltage drops below 2.3V (typical), UVLO shuts off the both output MOSFET
switches and signals the FLAG.
POWER ON AND OFF
The UTC US16855 performs a soft-start operation on power application, which is to prevent an over-current or
inrush-current from flowing through the switch from IN to OUTX towards to the load, while the high-capacity
capacitor is connected to the OUTX.
OVER CURRENT DETECT
The specification of over current detect is 0.6 ~ 1.25 A (typ. 900mA) in this IC. (500 mA max. in USB standard)
This function is that flag-pin turns to Low-level and reports to the USB controller when over current is detected.
At this time, output of IC is operated as followed.
Output turns to off, and isn't based on the state of CTL-pin.
When CTL-pin turns to non-active, FLG-pin returns to High-level and Output-pin turn to OFF-state.
Immediately the controller should be inputted non-active level to CTL-pin after detecting FLG = “L” not to reach to
the state of thermal shutdown.
Then, in the case of FLG-pin is High-level and CTL-pin is active level, Output-pin turns to ON-state.
To prevent from detecting wrongly the current to the moment, over current detect delay time is set up.
This delay time is 10 ms (typ.).
Over current Detect
Over Current detect threshold
5V
5V
5V
5V
GND
GND
GND
IN (Input)
Flg (Output)
CTL (Input)
IOUT
OUT (Output)
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com