Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3276LG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US3276LG-S08-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3276LG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US3276LG-S08-R Datasheet HTML 1Page - Unisonic Technologies US3276LG-S08-R Datasheet HTML 2Page - Unisonic Technologies US3276LG-S08-R Datasheet HTML 3Page - Unisonic Technologies US3276LG-S08-R Datasheet HTML 4Page - Unisonic Technologies US3276LG-S08-R Datasheet HTML 5Page - Unisonic Technologies US3276LG-S08-R Datasheet HTML 6Page - Unisonic Technologies US3276LG-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
US3076-US3376
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-424.f
MARKING
PIN CONFIGURATION
1
2
3
4
5
6
7
8
OUT1
OUT2
OC2
OC1
GND
IN
EN1(EN1)
EN2(EN2)
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground
2
IN
Input Supply: Output MOSFET Drain, which also supplies IC's internal circuitry.
Connect to positive supply.
3
EN1( EN1 )
Enable: Logic level enable input of switch 1.
Make sure EN pin never floating.
4
EN2( EN2 )
Enable: Logic level enable input of switch 2.
Make sure EN pin never floating.
5
OC2
Over-Current: Open-Drain OC output of switch 2.
6
OUT2
Switch Output: Output MOSFET Source of switch 2.
Typically connect to switched side of load.
7
OUT1
Switch Output: Output MOSFET Source of switch 1.
Typically connect to switched side of load.
8
OC1
Over-Current: Open-Drain OC output of switch 1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com