Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3075LG-SM1-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # US3075LG-SM1-R
Description  POWER DISTRIBUTION SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3075LG-SM1-R Datasheet(HTML) 7 Page - Unisonic Technologies

  US3075LG-SM1-R Datasheet HTML 1Page - Unisonic Technologies US3075LG-SM1-R Datasheet HTML 2Page - Unisonic Technologies US3075LG-SM1-R Datasheet HTML 3Page - Unisonic Technologies US3075LG-SM1-R Datasheet HTML 4Page - Unisonic Technologies US3075LG-SM1-R Datasheet HTML 5Page - Unisonic Technologies US3075LG-SM1-R Datasheet HTML 6Page - Unisonic Technologies US3075LG-SM1-R Datasheet HTML 7Page - Unisonic Technologies US3075LG-SM1-R Datasheet HTML 8Page - Unisonic Technologies US3075LG-SM1-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
US3075-US3375
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-423.G
TYPICAL CHARACTERISTICS
(VIN= 5V, 3275H, CIN=1μF, COUT=1μF, VEN=0V, TA=25°C, unless otherwise specified.)
Time (400μs/div)
5V
0
0
2V
4V
Turn on delay time and rise time
10V
6V
8V
0
2000
4000
Time (1ms/div)
5V
0
0
2V
4V
Turn off delay time and fall time
10V
6V
8V
0
510
VIN=5V
CL=120μF
RL=5Ω
VIN=5V
CL=120μF
RL=5Ω
5V
0
0
5V
Inrush Current With Different
Load Capacitance
0
2000
4000
Time (400μs/div)
0
0.5A
1A
5V
0
0
5V
0
2000
4000
Time (400μs/div)
0
0.5A
1A
CL=10μF
Inrush Current With Different
Load Capacitance
CL=120μF
10V
10V
VIN=5V
RL=5Ω
VIN=5V
RL=5Ω
5V
0
0
5V
0
510
Time (1ms/div)
0
0.5A
1A
Inrush Current With Different
Load Capacitance
10V
CL=220μF
VIN=5V
RL=5Ω
VIN=5V
CL=47μF
RL=1Ω
Thermal Shutdown Response



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com