Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US203CLG-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US203CLG-AF5-R
Description  HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US203CLG-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US203CLG-AF5-R Datasheet HTML 1Page - Unisonic Technologies US203CLG-AF5-R Datasheet HTML 2Page - Unisonic Technologies US203CLG-AF5-R Datasheet HTML 3Page - Unisonic Technologies US203CLG-AF5-R Datasheet HTML 4Page - Unisonic Technologies US203CLG-AF5-R Datasheet HTML 5Page - Unisonic Technologies US203CLG-AF5-R Datasheet HTML 6Page - Unisonic Technologies US203CLG-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
US203
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-435.K
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6.5
V
Enable Input Voltage
VEN
-0.3 ~ +6.5
V
Flag Voltage
VFLG
6.5
V
Power Dissipation (TA = 25°C)
PD
0.4
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-25
250
Junction to Ambient
SOP-8
θJA
190
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
3.5 ~ 5.5
V
Enable Input Voltage
VI(EN)
0 ~ 5.5
V
Junction Temperature
TJ
-40 ~ +125
°C
Ambient Operating Temperature
TOPR
-40 ~ +85
°C
ELECTRICAL CHARACTERISTICS (VIN=5V, CIN=COUT=1μF, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
SOT-25
80
100
Switch On Resistance
(US203A, US203B)
SOP-8
IOUT= 1A, VIN= 5V
90
110
mΩ
SOT-25
80
100
Switch On Resistance
(US203C, US203D)
SOP-8
RDS(ON)
IOUT= 0.5A, VIN= 5V
90
110
mΩ
ISW_ON
switch on, RLOAD Open
25
45
Supply Current
ISW_OFF switch off, RLOAD Open
0.1
1
μA
Logic-Low
VIL
VIN = 3.5V ~ 5.5V
0.8
V
EN Threshold Voltage
Logic-High
VIH
VIN = 3.5V ~ 5.5V
2.0
V
EN Input Current
IEN
VEN/EN = 0V ~ 5.5V
0.01
μA
Output Leakage Current
IO(LEAK) VEN=0V, RLOAD= 0Ω
0.5
10
μA
Output Turn-On Rise Time
TON(RISE) 10% to 90% of VOUT rising
400
μs
US203Ax
2.1
2.5
3.2
A
US203Bx
1.6
2.0
2.5
A
US203Cx
1.1
1.5
1.8
A
Current Limit
US203Dx
ILIMIT
Current Ramp (< 0.1A/ms) on
VOUT
0.6
0.8
1.1
A
US203Ax
1
A
US203Bx
1
A
US203Cx
1
A
Short Circuit Fold-Back
Current
US203Dx
ISC(FB)
VOUT = 0V, measured prior to
thermal shutdown
1
A
FLAG Output Resistance
R FLG
ISINK= 1mA
20
400
Ω
FLAG Off Current
I FLG _OFF V FLG = 5V
0.01
1
μA
FLAG Delay Time
tD
From fault condition to FLG
assertion
5
12
20
ms
Shutdown Pull-Low Resistance
RDS
VEN=0V, VEN
75
150
Ω
Under-Voltage Lockout
VUVLO
VIN increasing
1.3
1.7
V
Under-Voltage Hysteresis
∆VUVLO VIN decreasing
0.1
V
Thermal Shutdown Protection
TSD
130
°C
Thermal Shutdown Hysteresis
∆TSD
20
°C
Note: The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com