Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3076LG-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US3076LG-SM1-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3076LG-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US3076LG-SM1-R Datasheet HTML 1Page - Unisonic Technologies US3076LG-SM1-R Datasheet HTML 2Page - Unisonic Technologies US3076LG-SM1-R Datasheet HTML 3Page - Unisonic Technologies US3076LG-SM1-R Datasheet HTML 4Page - Unisonic Technologies US3076LG-SM1-R Datasheet HTML 5Page - Unisonic Technologies US3076LG-SM1-R Datasheet HTML 6Page - Unisonic Technologies US3076LG-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
US3076-US3376
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-424.f
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6
V
Output Voltage
VOUT
6
V
Output Current
IOUT
Internally Limited
A
Enable Input
VEN
-0.3 ~ 6
V
Storage Temperature
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+3.0 ~ +5.5
V
Ambient Operating Temperature
TOPR
-40~ +85
°C
ELECTRICAL CHARACTERISTICS
(VIN=5V, CIN=1µF, COUT=1µF, RL=10Ω,TA=25°C, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN
3.0
5.5
V
US3376, IOUT = 1.5A
US3276, IOUT = 1.0A
US3176, IOUT = 0.5A
Output MOS RDS(ON)
US3076, IOUT = 0.3A
87
103
mΩ
Supply Current
IIN
90
150
µA
Output Turn-on Rising Time
RL=10Ω, 90% Settling
400
µs
US3376
1.5
2
2.8
A
US3276
1.1
1.5
2.1
A
US3176
0.7
1
1.7
A
Current Limit Threshold
ITHD(LIMIT)
US3076
VOUT=4V
0.5
0.75
1.4
A
US3376
0.2
1.3
1.9
A
US3276
0.2
1
1.4
A
US3176
0.2
0.67
1
A
Short-circuit Current
ISC
US3076
VOUT=0V,
3V<VIN<5.5 V
0.2
0. 5
0.7
A
EN Input Threshold
1.2
1.6
2
V
Shutdown Supply Current
ISHDN
1
µA
Output Leakage Current
IO(LEAK)
EN=”0”, VOUT=0V
1
µA
VIN Under Voltage Lockout
2.1
2.5
3.0
V
VIN Under Voltage Hysteresis
200
mV
Thermal Limit
135
°C
Thermal Limit Hysteresis
20
°C
OC Deglitch
OC assertion or deassertion
5
9
15
ms
OC Output Low Voltage
OC
I
= 5mA,VIN =3V
0.2
V
OC Off-State Current
OC
V
= 5V
1
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com