Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3075HG-P08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US3075HG-P08-R
Description  POWER DISTRIBUTION SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3075HG-P08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US3075HG-P08-R Datasheet HTML 1Page - Unisonic Technologies US3075HG-P08-R Datasheet HTML 2Page - Unisonic Technologies US3075HG-P08-R Datasheet HTML 3Page - Unisonic Technologies US3075HG-P08-R Datasheet HTML 4Page - Unisonic Technologies US3075HG-P08-R Datasheet HTML 5Page - Unisonic Technologies US3075HG-P08-R Datasheet HTML 6Page - Unisonic Technologies US3075HG-P08-R Datasheet HTML 7Page - Unisonic Technologies US3075HG-P08-R Datasheet HTML 8Page - Unisonic Technologies US3075HG-P08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
US3075-US3375
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-423.G
MARKING
SOP-8/MSOP-8
TSSOP-8
PIN CONFIGURATION
1
2
3
4
5
6
7
8
OC
GND
IN
EN(EN)
IN
OUT
OUT
OUT
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
GND
Ground
2,3
IN
Input Supply: Output MOSFET Drain, which also supplies IC's internal circuitry.
Connect to positive supply.
4
EN( EN )
Enable: Logic level enable input. Make sure EN pin never floating.
5
OC
Over-Current: Open-Drain OC output.
6,7,8
OUT
Switch Output: Output MOSFET Source of switch. Typically connect to switched side
of load.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com