Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTBLO-R1U Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTBLO-R1U
Description  PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTBLO-R1U Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTBLO-R1U Datasheet HTML 1Page - Diodes Incorporated DDTBLO-R1U Datasheet HTML 2Page - Diodes Incorporated DDTBLO-R1U Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30400 Rev. 2 - 2
1 of 3
DDTB (LO-R1) U
www.diodes.com
ã Diodes Incorporated
DDTB (LO-R1) U
PNP PRE-BIASED 500 mA SOT-323
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available
(DDTD)
·
Built-In Biasing Resistors
·
Lead Free Product
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
J
L
E
D
B C
H
K
G
IN
GND
OUT
3
2
1
Mechanical Data
·
Case: SOT-323, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Finish - Matte Tin (Note 1)
Solderable per MIL-STD-202, Method 208
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code
(See Diagrams & Page 2)
·
Weight: 0.006 grams (approx.)
·
Ordering Information (See Page 2)
(2) IN
R
1
R
2
GND (1)
OUT (3)
P/N
R1 (NOM) R2 (NOM)
MARKING
DDTB122LU
DDTB142JU
DDTB122TU
DDTB142TU
0.22K
W
0.47K
W
0.22K
W
0.47K
W
10K
W
10K
W
OPEN
OPEN
P75
P76
P77
P78
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (1)
VCC
-50
V
Input Voltage, (2) to (1)
DDTB122LU
DDTB142JU
VIN
+5 to -6
+5 to -6
V
Input Voltage, (1) to (2)
DDTB122TU
DDTB142TU
VEBO (MAX)
-5
V
Output Current
All
IC
-500
mA
Power Dissipation (Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0
°
8
°
All Dimensions in mm
Note:
1. If lead-bearing terminal plating is required, please contact your Diodes Inc. sales representative for availability and minimum
order details.
2. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
SPICE MODELS: DDTB122LU DDTB142JU DDTB122TU DDTB142TU


Similar Part No. - DDTBLO-R1U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTB113EC DIODES-DDTB113EC Datasheet
78Kb / 3P
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30385 Rev. 6 - 2
DDTB113EC-7-F DIODES-DDTB113EC-7-F Datasheet
78Kb / 3P
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30385 Rev. 6 - 2
DDTB113EU DIODES-DDTB113EU Datasheet
76Kb / 3P
PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30383 Rev. 5 - 2
DDTB113EU-7-F DIODES-DDTB113EU-7-F Datasheet
76Kb / 3P
PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30383 Rev. 5 - 2
DDTB113ZC DIODES-DDTB113ZC Datasheet
78Kb / 3P
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30385 Rev. 6 - 2
More results

Similar Description - DDTBLO-R1U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTBXXXXC DIODES-DDTBXXXXC Datasheet
66Kb / 3P
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 2 - 2
DDTBXXXXU DIODES-DDTBXXXXU Datasheet
67Kb / 3P
PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTB113EU DIODES-DDTB113EU Datasheet
76Kb / 3P
PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30383 Rev. 5 - 2
DDTB113EC DIODES-DDTB113EC Datasheet
78Kb / 3P
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30385 Rev. 6 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_1 Datasheet
79Kb / 3P
PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
DDTA122LU DIODES-DDTA122LU Datasheet
78Kb / 3P
PNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30402 Rev. 5 - 2
DDTB122LC DIODES-DDTB122LC_1 Datasheet
72Kb / 3P
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com