Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM13 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM13
Description  High Inductance High Frequency Toroidal Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM13 Datasheet(HTML) 1 Page - TT Electronics.

  HM13 Datasheet HTML 1Page - TT Electronics. HM13 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
14
HM13-05001LF
500
0.60
0.40
150
90
1
29.21
24.13
HM13-10001LF
1000
0.35
1.00
200
60
1
29.21
24.13
HM13-20001LF
2000
0.25
1.40
300
60
1
29.21
24.13
HM13-05002LF
500
1.75
0.35
400
765
2
35.56
30.48
HM13-10002LF
1000
1.00
0.75
500
500
2
35.56
30.48
HM13-20002LF
2000
0.65
1.70
700
470
2
35.56
30.48
HM13-05003LF
500
2.75
0.25
750
1890
2
43.18
36.83
HM13-10003LF
1000
2.00
0.55
900
2000
2
43.18
36.83
HM13-20003LF
2000
1.50
0.80
1200
2250
2
43.18
36.83
HM13
Electrical / Environmental
Schematic (Figure 1 & 2)
Notes: (1) Inductance is measured at 100kHz, 0.1Vrms (@ DC current).
(2) It is recommended that the temperature of the component (ambient plus temperature rise) does not exceed 125°C under worst case operating conditions.
• Operating Temperature Range
-40°C to +125°C
• Insulation Resistance, Minimum
100MW
• Insulation System
Class B,130°C
• TemperatureRise,Maximum
40°C
Specifications @ 25°C
High Inductance High Frequency Toroidal Inductors
Inductance(1)
Current
DC
Energy
Mechanical Outline
Part
Typical
IDC
Resistance
ETop
Storage
Dim. A
Dim. B
Number
µH
Amps Max.
W
Max.
V-µSec
µJ Min.
Figure
(mm)
(mm)
Outline Dimensions (mm)
Figure 1
Note: Refer to Specifications table for ‘A’ & ‘B’ dimensions
of each model.
RoHS
Compliant


Similar Part No. - HM13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM13 ETC1-HM13 Datasheet
100Kb / 3P
High Inductance High Frequency Toroidal Inductors
HM13-05001 ETC1-HM13-05001 Datasheet
100Kb / 3P
High Inductance High Frequency Toroidal Inductors
HM13-05002 ETC1-HM13-05002 Datasheet
100Kb / 3P
High Inductance High Frequency Toroidal Inductors
HM13-05003 ETC1-HM13-05003 Datasheet
100Kb / 3P
High Inductance High Frequency Toroidal Inductors
HM13-10001 ETC1-HM13-10001 Datasheet
100Kb / 3P
High Inductance High Frequency Toroidal Inductors
More results

Similar Description - HM13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM13 ETC1-HM13 Datasheet
100Kb / 3P
High Inductance High Frequency Toroidal Inductors
logo
Filtran LTD
CTP4548 FILTRAN-CTP4548 Datasheet
59Kb / 1P
Toroidal Inductors High Current
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
Toroidal Inductors High Current
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
Toroidal Inductors High Current
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
Toroidal Inductors High Current
logo
Bi technologies
HM54 BITECH-HM54 Datasheet
1Mb / 3P
High Current Toroidal Inductors
logo
Datatronic Distribution...
PT12310 DATATRONICS-PT12310 Datasheet
74Kb / 1P
High Current Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-51508NL PULSE-PE-51508NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS High Current
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
High Current Toroidal Inductors
logo
TT Electronics.
HM54 TTELEC-HM54 Datasheet
779Kb / 3P
High Current Toroidal Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com