Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB202 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB202
Description  Slotted Optical Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB202 Datasheet(HTML) 4 Page - TT Electronics.

  OPB202 Datasheet HTML 1Page - TT Electronics. OPB202 Datasheet HTML 2Page - TT Electronics. OPB202 Datasheet HTML 3Page - TT Electronics. OPB202 Datasheet HTML 4Page - TT Electronics. OPB202 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
02/06
Page 4 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB202
OPB202 - Forward Current vs Forward Voltage
0
5
10
15
20
25
30
35
40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Forward Voltage (volts)
OPB202 - Collector Current vs Collector-Emitter
Voltage
0
5
10
15
20
01
23
4
5
Collector-Emitter Voltage VCE (volts)
IF = 5 mA
IF = 10 mA
IF = 15 mA
IF = 20 mA
IF = 25 mA
IF = 30 mA
85
OPB202 - Power Dissiplation vs Ambient
Temperature
0
20
40
60
80
100
120
-25
0
25
50
75
100
Ambient Temperature TA (°C)
Power Sensor
Power Emitter
OPB202 - Collector Current vs Ambient Temperature
0.0
1.5
3.0
4.5
6.0
7.5
9.0
-25
0
25
50
75
100
Ambient Temperature TA (°C)
IF = 20 mA
VCE = 5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com