Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1575IGB Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1575IGB
Description  SAW Filter 1575.42 MHz for GPS ~ Low Loss ~
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1575IGB Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1575IGB Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1575IGB Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1575IGB Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1575IGB Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1575IGB Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1575IGB Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1575IGB Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL : 886-3-4690038
FAX : 886-3-4697532
http:/www.taisaw.com
E-mail : tstsales@mail1.taisaw.com
SAW Filter 1575.42 MHz for GPS ~ Low Loss ~
MODEL NO.: TA1575IGB
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 0 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -50
°C to +100°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(dB)
-
1575.42
-
Insertion loss 1574.22 ~1576.62 MHz
IL
(dB)
-
1.5
2.0
Amplitude ripple (p-p) 1574.22 ~ 1576.62 MHz (dB)
-
0.15
1.0
Attenuation (Reference level from 0 dB)
DC ~ 1382
MHz
(dB)
37
40
-
1382 ~ 1397
MHz ( IF Image frequency )
(dB)
40
47
-
1397 ~ 1478
MHz
(dB)
40
45
-
1478 ~ 1487
MHz ( Local frequency )
(dB)
40
47
-
1487 ~ 1500
MHz
(dB)
30
52
-
1625 ~ 1640
MHz
(dB)
30
49
-
1640 ~ 2000
MHz
(dB)
38
42
-
2000 ~ 3000
MHz
(dB)
33
38.5
VSWR within 1574.22 ~1576.62 MHz
-
1.1
2.0
Source impedance
Zs
(
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
Note1. No matching network required for operation at 50
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com