Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61527FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61527FP
Description  6ch ELECTRONIC VOLUME WITH 10 INPUT SELECTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61527FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61527FP Datasheet HTML 9Page - Renesas Technology Corp M61527FP Datasheet HTML 10Page - Renesas Technology Corp M61527FP Datasheet HTML 11Page - Renesas Technology Corp M61527FP Datasheet HTML 12Page - Renesas Technology Corp M61527FP Datasheet HTML 13Page - Renesas Technology Corp M61527FP Datasheet HTML 14Page - Renesas Technology Corp M61527FP Datasheet HTML 15Page - Renesas Technology Corp M61527FP Datasheet HTML 16Page - Renesas Technology Corp M61527FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
M61527FP
Rev.1.0, Sep.19.2003, page 13 of 17
(2) Input/Output characteristics (OVER ALL)
Limits
Symbol
Parameter
Test condition
min
typ
max
Unit
Input resistance
Rin
1 to 5,65,66,68 to 80pin When each
selector chooses a terminal
concerned.
35
47
65
k
Ω
Maximum output
voltage
VOM
(4,5,7,8,9,10)pin input,
(54,47,36,35,42,41)pin output,
THD=1%, RL=10k
Ω
Output Gain Control=+12dB setting
3.6
4.2
—
Vrms
Pass gain
Gv
(4,5,7,8,9,10)pin input,
(54,47,36,35,42,41)pin output,
Vi=0.3Vrms,FLAT
-2.0
0
2.0
dB
THD1
(4,5,7,8,9,10)pin input,
(54,47,36,35,42,41)pin output,
BW:400Hz to 30kHz,
f=1kHz, Vo=0.3Vrms, RL=10k
Ω
—
0.005
0.05
%
Distortion
THD2
(4,5,7,8,9,10)pin
input,(54,47,36,35,42,41)pin output,
BW: 400Hz to 30kHz,
f=1kHz, Vo=2Vrms, RL=10k
Ω
—
0.03
0.1
%
Channels balance
CBAL
(4,5)pin input, (54,47)pin output,
Vi=0.3Vrms, JIS-A
-0.5
0
0.5
dB
Output Gain
Control=0dB
—
1.5
6
µVrms
Vono
(VOL=-
∞dB)
JIS-A,
(4,5,7,8,9,10)pin:
Rg=0
Ω,
(54,47,36,35,42,
41)pin output,
Volume=-
∞dB
setting
Output Gain
Control=+12dB
—
9
20
µVrms
Output Gain
Control=0dB
—
2.5
8
µVrms
Vono
(VOL=0dB)
JIS-A,
(4,5,7,8,9,10)pin:
Rg=0
Ω,
(54,47,36,35,42,
41)pin output,
Volume=0dB
setting
Output Gain
Control=+12dB
—
12
25
µVrms
Output noise voltage
Vonobal
(Balance out)
JIS-A, (4,5)pin:Rg=0
Ω,
(14,15,17,18)pin output
—
5
10
µVrms
CS1
< Input selector >
(54,47)pin output, Vo=1Vrms,
Rg=0
Ω, RL=10kΩ, JIS-A
—
-90
-70
dB
Input/Multi selector
channel separation
CS2
< Multi channel selector >
(35,36,41,42,47,54)pin output,
Vo=1Vrms, Rg=0
Ω, RL=10kΩ, JIS-
A, FL/FR VOL Input=Multi input
—
-90
-70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com