Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9211 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9211
Description  56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9211 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9211 Datasheet HTML 9Page - OKI electronic componets ML9211 Datasheet HTML 10Page - OKI electronic componets ML9211 Datasheet HTML 11Page - OKI electronic componets ML9211 Datasheet HTML 12Page - OKI electronic componets ML9211 Datasheet HTML 13Page - OKI electronic componets ML9211 Datasheet HTML 14Page - OKI electronic componets ML9211 Datasheet HTML 15Page - OKI electronic componets ML9211 Datasheet HTML 16Page - OKI electronic componets ML9211 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
¡ Semiconductor
ML9211
13/19
[Bit correspondence between segment output and segment data]
1
S1
21
S21
2
S2
22
S22
3
S3
23
S23
4
S4
24
S24
5
S5
25
S25
6
S6
26
S26
7
S7
27
S27
8
S8
28
S28
9
S9
29
S29
10
S10
30
S30
11
S11
31
S31
12
S12
32
S32
13
S13
33
S33
14
S14
34
S34
15
S15
35
S35
16
S16
36
S36
SEG n
Segment data
SEG n
Segment data
17
S17
37
S37
18
S18
38
S38
19
S19
39
S39
20
S20
40
S40
41
S41
42
S42
43
S43
44
S44
45
S45
46
S46
47
S47
48
S48
49
S49
50
S50
51
S51
52
S52
53
S53
54
S54
55
S55
56
S56
SEG n
Segment data
Digital Dimming Data Input [Function Mode: 4]
• ML9211 receives the digital dimming data when function mode 4 is selected.
• The output duty changes in the range of 0/1024 (0%) to 1016/1024 (99.2%) for each grid.
• The 10-bit digital dimming data is input from LSB.
[Data Format]
Input Data
: 13 bits
Digital Dimming Data: 10 bits
Mode Data
: 3 bits
1
D1
2
D2
3
D3
4
D4
7
D7
8
D8
9
D9
10
D10
11
M0
12
M1
13
M2
Bit
Input Data
Digital Dimming Data (10bits)
Mode Data
(3bits)
5
D5
6
D6
D10
0
0
1
1
1
1
D9
0
0
1
1
1
1
D8
0
0
1
1
1
1
D7
0
0
1
1
1
1
D6
0
0
1
1
1
1
D5
0
0
1
1
1
1
D4
0
0
0
1
1
1
D3
0
0
1
0
0
1
D2
0
0
1
0
0
1
D1
0
1
1
0
1
1
Dimming Data
(MSB)
(LSB)
Duty Cycle
0/1024
1/1024
1015/1024
1016/1024
1016/1024
1016/1024
LSB
MSB
Master Mode
Master Mode is selected when M/S pin is set at High level. The master mode operation is as
follows:
• The input levels of DIM IN, SYNC IN1 and SYNC IN2 are ignored, and these pins should be
connected to L-GND or VDD.
• Brightness is adjusted by the internal digital dimming circuit.
• The segment Latch1 to 3 corresponding to GRID1 to 3 are selected by the internal timing
generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com