Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89174LPF Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB89174LPF Datasheet HTML 1Page - fujitsu semiconductor MB89174LPF Datasheet HTML 2Page - fujitsu semiconductor MB89174LPF Datasheet HTML 3Page - fujitsu semiconductor MB89174LPF Datasheet HTML 4Page - fujitsu semiconductor MB89174LPF Datasheet HTML 5Page - fujitsu semiconductor MB89174LPF Datasheet HTML 6Page - fujitsu semiconductor MB89174LPF Datasheet HTML 7Page - fujitsu semiconductor MB89174LPF Datasheet HTML 8Page - fujitsu semiconductor MB89174LPF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
MB89170/170A/170L Series
* : Varies with conditions such as the operating frequency and the assurance range for the DTMF generator.(See
“s ELECTRICAL CHARACTERISTICS.”)
MB89P174L
Classification
Mass-produced product
(mask ROM product)
ROM size
8 K
× 8 bits
(internal mask ROM)
12 K
× 8 bits
(internal mask ROM)
RAM size
384
× 8 bits
512
× 8 bits
CPU functions
The number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum instruction execution time:
0.6 to 9.6
µs at 7.16 MHz,
Interrupt processing time:
5.4 to 86.4
µs at 7.16 MHz,
Ports
Output ports (N-ch open-drain):
5
Output ports (CMOS):
8
I/O ports (CMOS):
24 (16 ports also serve as peripherals.)
Total:
37
8/16-bit timer/
counter
8 bits
× 2 ch or 16 bits × 1 ch, capable of rectangular wave output
One clock selectable from four operation clocks
(one external shift clock, three internal shift clocks: 2.2
µs, 35.2 µs, 563.2 µs; when operating at 3.58 MHz)
8-bit serial I/O
8 bits
LSB/MSB first selectable
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks: 2.2
µs, 8.8 µs, 35.2 µs; when operating at 3.58 MHz)
DTMF generator
External interrupt 1
3 independent channels (selectable edge, interrupt vector, source flag)
Rising/falling/both edges selectable
Used also for wake-up from the stop/sleep mode.
(Edge detection is also permitted in the stop mode.)
External interrupt 2
(wake-up)
8 independent channels (“L” level interrupt)
Used also for wake-up from the stop/sleep mode.
(Edge detection is also permitted in the stop mode.)
Standby mode
Sleep mode, stop mode
Process
CMOS
Operating voltage*
2.2 V to 6.0 V
EPROM for use
MB89173L
Item
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com