Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9261 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9261
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9261 Datasheet HTML 5Page - OKI electronic componets ML9261 Datasheet HTML 6Page - OKI electronic componets ML9261 Datasheet HTML 7Page - OKI electronic componets ML9261 Datasheet HTML 8Page - OKI electronic componets ML9261 Datasheet HTML 9Page - OKI electronic componets ML9261 Datasheet HTML 10Page - OKI electronic componets ML9261 Datasheet HTML 11Page - OKI electronic componets ML9261 Datasheet HTML 12Page - OKI electronic componets ML9261 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
¡ Semiconductor
ML9261/62
9/16
ELECTRICAL CHARACTERISTICS
DC Characteristics-1
Parameter
Max
"H" Input Voltege
V
"L" Input Voltage
"H" Input Current
"L" Input Current
Applicable pin
Condition
—
—
VDD=VIN=5.5V
VDD=5.5V,VIN=0V
Typ.
Unit
V
mA
mA
All inputs
All inputs
DIN, CLK, LS
All inputs
—
—
—
—
—
0.3VDD
+1.0
+1.0
Input Capacitance
Supply Current
(Design Goal)
mA
mA
pF
10.0
10.0
—
—
—
15
VDD
VDD
All inputs
Ta=25°C
All inputs: "H"
All inputs: "L"
Min
0.7VDD
—
–1.0
–1.0
—
—
—
Symbol
VIH
VIL
IIH1
IIL
IDD2
IDD1
CIN
VDD=VIN=5.5V
mA
CL, CHG
—80
5.0
IIH2
"H" Output Voltage
IOH=–0.1mA
V
DOUT
——
VDD–1
VOH1
IOH=–40mA
V
HVO1 to 60
——
VDISP–4
VOH2
"L" Output Voltage
IOL=0.1mA
V
DOUT
—
1.1
—
VOL1
IOL=1mA
V
HVO1 to 60
—
3.0
—
VOL2
mA
mA
10.0
10.0
—
—
VDISP
VDISP
All inputs: "H"
All inputs: "L"
—
—
IDISP2
IDISP1
No load
(VDD=4.5 to 5.5V, VDISP=40V, Ta=–40 to +85°C)
DC Characteristics-2
Parameter
Max
"H" Input Voltege
V
"L" Input Voltage
"H" Input Current
"L" Input Current
Applicable pin
Condition
—
—
VDD=VIN=3.3V
VDD=3.3V,VIN=0V
Typ.
Unit
V
mA
mA
All inputs
All inputs
DIN, CLK, LS
All inputs
—
—
—
—
—
0.2VDD
+1.0
+1.0
Input Capacitance
Supply Current
(Design Goal)
mA
mA
pF
10.0
10.0
—
—
—
15
VDD
VDD
All inputs
Ta=25°C
All inputs: "H"
All inputs: "L"
Min
0.8VDD
—
–1.0
–1.0
—
—
—
Symbol
VIH
VIL
IIH1
IIL
IDD2
IDD1
CIN
VDD=VIN=3.3V
mA
CL, CHG
—50
2.0
IIH2
"H" Output Voltage
IOH=–0.1mA
V
DOUT
——
VDD–1
VOH1
IOH=–40mA
V
HVO1 to 60
——
VDISP–4
VOH2
"L" Output Voltage
IOL=0.1mA
V
DOUT
—
1.1
—
VOL1
IOL=1mA
V
HVO1 to 60
—
3.0
—
VOL2
mA
mA
10.0
10.0
—
—
VDISP
VDISP
All inputs: "H"
All inputs: "L"
—
—
IDISP2
IDISP1
No load
(VDD=3.0 to 3.6V, VDISP=40V, Ta=–40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com