Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-4223-R1 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL-4223-R1
Description  Integral current limiting resistor LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4223-R1 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL-4223-R1 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4223-R1 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4223-R1 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4223-R1 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
           
       
   !  



1
3
8
$
8"
9
$
  

?=
'C
 
;<;
,*&
;.
'
(A
 ,'!:#
12D

A(

8 
E12!:*#
D

A'(
 ,(
3 + %D

&/

: 

?
*'
*A
. ;<;
) 

*//
. ;<;
,-*     "
!F #% 
' %"    "  
($   
     
&$  *G
1,-$%&''(%)*
1-( &
5,3%6%*(*7.&



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com