Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-4292 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL-4292
Description  T-1 (3mm) Solid State LED Lamps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4292 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL-4292 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4292 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4292 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4292 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4292 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4292 Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7-29
Absolute Maximum Ratings at Ta=25
Lead Soldering Temperature
[1.6mm (.063 in.) from body]
260
for 5 Seconds
Parameter
Power Dissipation
80
200
40
0.5
5
-55
to +100
-55
to +100
Continuous Forward Current
Derating Linear From 50
Reverse Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
Red
Bright
Red
Green
Yellow
Hi. Eff. Red
Red Orange
Unit
40
60
15
0.2
5
100
120
30
0.4
5
60
80
20
0.25
5
100
120
30
0.4
5
mW
mA
mA
mA/
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com