Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2210-GSBML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2210-GSBML
Description  Dual Cap LDO with Open-Drain Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2210-GSBML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2210-GSBML Datasheet HTML 1Page - Micrel Semiconductor MIC2210-GSBML Datasheet HTML 2Page - Micrel Semiconductor MIC2210-GSBML Datasheet HTML 3Page - Micrel Semiconductor MIC2210-GSBML Datasheet HTML 4Page - Micrel Semiconductor MIC2210-GSBML Datasheet HTML 5Page - Micrel Semiconductor MIC2210-GSBML Datasheet HTML 6Page - Micrel Semiconductor MIC2210-GSBML Datasheet HTML 7Page - Micrel Semiconductor MIC2210-GSBML Datasheet HTML 8Page - Micrel Semiconductor MIC2210-GSBML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2210
Micrel
MIC2210
2
November 2004
Ordering Information
Full Part NUmber
Manufacturing
Part Number
Pb-FREE
Voltage*
(Vo1/Vo2)
Junction Temp. Range
Package
MIC2210-3.0/3.3BML
MIC2210-PSBML
3.0V/3.3V
-40°C to +125°C
10-Pin 3x3 MLFTM
MIC2210-1.8/3.3BML
MIC2210-GSBML
1.8V/3.3V
-40°C to +125°C
10-Pin 3x3 MLFTM
MIC2210-2.8/1.6YML
MIC2210-MWYML
X
2.8V/1.6V
-40°C to +125°C
10-Pin 3x3 MLFTM
MIC2210-3.0/3.3YML
MIC2210-PSYML
X
3.0V/3.3V
-40°C to +125°C
10-Pin 3x3 MLFTM
MIC2210-3.3/3.3YML
MIC2210-SSYML
X
3.3V/3.3V
-40°C to +125°C
10-Pin 3x3 MLFTM
* For other output voltage options, contact Micrel marketing.
Voltage
Code
Adj.
A
1.5
F
1.6
W
1.8
G
1.85
D
1.9
Y
2.0
H
2.1
E
2.5
J
2.6
K
2.7
L
2.8
M
2.850
N
2.9
O
3.0
P
3.1
Q
3.2
R
3.3
S
3.4
T
3.5
U
3.6
V
Table 1. Voltage Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com