Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5321 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 19Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 20Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 21Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 22Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 23Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 24Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Si5321
Rev. 2.3
21
detected. When the input clock returns and is validated,
the device exits digital hold mode by re-locking to the
input clock without executing another self-calibration.
2.9. Bias Generation Circuitry
The Si5321 makes use of an external resistor to set
internal bias currents. The external resistor allows
precise generation of bias currents, which significantly
reduces power consumption and variation as compared
with traditional implementations that use an internal
resistor. The bias generation circuitry requires a 10 k
Ω
(1%) resistor connected between REXT and GND.
2.10. Differential Input Circuitry
The Si5321 provides a differential input for the clock
input, CLKIN. This input is internally-biased to a voltage
of VICM (see Table 2 on page 6) and may be driven by a
differential
or
single-ended
driver
circuit.
For
transmission line termination, the termination resistor is
connected externally as shown.
2.11. Differential Output Circuitry
The Si5321 utilizes a current mode logic (CML)
architecture to drive the differential clock output,
CLKOUT.
For single-ended output operation simply connect to
either CLKOUT+ or CLKOUT– and leave the unused
signal unconnected.
2.12. Power Supply Connections
The Si5321 incorporates an on-chip voltage regulator to
power the device from a 3.3 V supply. The voltage
regulator requires an external compensation circuit of
one resistor and one capacitor to ensure stability over
all operating conditions.
Internally, the Si5321 VDD33 pins are connected to the
on-chip voltage regulator input and to the device’s
LVTTL I/O circuitry. The VDD25 pins supply power to the
core DSPLL circuitry, and are also used for connection
of the external compensation circuit.
The regulator’s compensation circuit is a resistor and a
capacitor in series between the VDD25 node and ground.
Typically, the resistor is incorporated into the capacitor’s
equivalent series resistance (ESR). The target RC time
constant for this combination is 15 to 50
µs. The
capacitor used in the Si5321 evaluation board is a 33
µf
tantalum capacitor with an ESR of 0.8
Ω. This gives an
RC time constant of 26.4
µs. The Venkel part number
TA6R3TCR336KBR is an example of a capacitor that
meets these specifications. (See Figure 5.)
To get optimal performance from the Si5321 device, the
power supply noise spectrum must comply with the plot
in Figure 9. This plot shows the power supply noise
tolerance mask for the Si5321. The customer should
provide a 3.3 V supply that does not have noise density
in excess of the amount shown in the diagram.
However, the diagram cannot be used as spur criteria
for a power supply that contains single tone noise.
Figure 9. Power Supply Noise Tolerance Mask
f
Vn (µV/√Hz)
2100
42
10 kHz
500 kHz
100 Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com