Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDB5V0C Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ESDB5V0C
Description  ESD Protection Diodes in SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ESDB5V0C Datasheet(HTML) 2 Page - Diotec Semiconductor

  ESDB5V0C Datasheet HTML 1Page - Diotec Semiconductor ESDB5V0C Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ESDB3V3C ... ESDB24C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Code Junction capacitance
Sperrschichtkapazität
VR = 0 V, f = 1 MHz
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage
Abbruch-Spannung
IT = 1 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPP (8/20 µs)
Cj [pF]
VWM [V]
ID [µA]
VBR [V]
VC [V]
IPP [A]
ESDB3V3C
S3
typ. 101
3.3
2
5.8 ... 6.9
8
26
1
15
ESDB5V0C
T3
typ. 75
5
1
7 ... 8.2
10
28
1
13
ESDB12C
U3
typ. 19
12
0.05
14.2 ... 16.7
20
37
1
5
ESDB15C
V3
typ. 16
15
0.05
17.1 ... 20.3
25
44
1
5
ESDB24C/-Q
W3
typ. 11
24
0.05
25.4 ... 30.3
40
70
1
3
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1)
1
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
8/20µs - pulse waveform
8/20µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
20
40
60 [µs]
[%]
t
P
I /2
PPM
P /2
PPM
t = 8 µs
r
120
100
80
60
40
20
0
[%]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
1
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com