Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF1010DA-R43M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF1010DA-R43M
Description  Dual-Shielded Inductors for Class-D Amplifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1010DA-R43M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF1010DA-R43M Datasheet HTML 1Page - Bourns Electronic Solutions SRF1010DA-R43M Datasheet HTML 2Page - Bourns Electronic Solutions SRF1010DA-R43M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4.0
(.157)
11.5 ± 0.1
(.453 ± .004)
24.0 ± 0.3
(.945 ± .012)
200
(7.874)
NO COMPONENT
16.0 ± 0.1
(.630 ± .004)
COMPONENTS
NO COMPONENT
400
(15.748)
DIMENSIONS:
MM
(INCHES)
USER DIRECTION OF FEED
QTY: 300 PCS. PER REEL
10.0 ± 0.1
(.394 ± .004)
0.50 ± 0.05
(.020 ± .002)
12.5 ± 0.1
(.492 ± .004)
11.55 ± 0.1
(.455 ± .004)
Packaging Specifications
09/18
SRF1010DASeries–Dual-ShieldedInductorsforClass-DAmplifiers
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
USER DIRECTION OF FEED
0.50±0.05
(.020±.002)
4.0
(.157)
11.55±0.1
(.455±.004)
11.5±0.1
(.453±.004)
24.0±0.3
(.945±.012)
12.5±0.1
(.492±.004)
10.0±0.1
(.394±.004)
16.0±0.1
(.630±.004)
200
(7.874) ormore
Chipcavity
400
(15.748) ormore
24.4+2/-0
(.961+.079/-0)
2.0±0.5
(.079±.020)
100.0±2.0
(3.937±.079)
330
(12.99)DIA.
13+0.5/-0.2
(.512+.020/-.008)
DIA.
13+0.5/-0.2
(.512+.020/-.008)
DIA.
24
(.945)
Blankportions
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com