Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC8100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC8100
Description  DUAL BAND WIRELESS LAN RF TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC8100 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC8100 Datasheet HTML 1Page - STMicroelectronics STLC8100 Datasheet HTML 2Page - STMicroelectronics STLC8100 Datasheet HTML 3Page - STMicroelectronics STLC8100 Datasheet HTML 4Page - STMicroelectronics STLC8100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STLC8100
October 2004
1
FEATURES
Tri Mode 802.11a, 802.11b and 802.11g
compliant RF Transceiver.
Dual Band 2.4GHz, 4.9-5.35GHz.
Direct conversion in the Tx and Rx paths for
802.11a and 802.11g/b requiring no bulky or
expensive intermediate frequency filters.
Dual LNA - Separate Low Noise Amplifiers for
2.4GHz and 5GHz bands delivers excellent
receiver sensitivity.
On-chip synthesizer covering all available
channels in 802.11a and 802.11g/b modes.
Supports AgileRF delivering coordinated rapid
channel identification and operation over the
2.4GHz and 5GHz bands without data loss.
On-chip anti-alias filters to support the
STLC8201 ADCs.
On-chip AGC circuit to improve overall
sensitivity and full scale range of the STLC8201
ADCs.
DC offset correction in the receive paths.
On-chip re-construction filter to support the
STLC8201 DACs.
Serial data and control interface for synthesizer.
Low profile cost effective TQFP48 package
2
APPLICATIONS
Wireless LAN Client adapters.
Wireless LAN Access Points,
Wireless repeaters and bridges.
3
DESCRIPTION
The STMicroelectronics STLC8100 wireless LAN
RF device is an integrated Direct Conversion Tx/
Rx, with on-chip synthesizer for channel selection
across worldwide 2.4 and 5GHz bands.
It is designed to interface directly with STMicro-
electronics STLC8201 series Baseband/MAC pro-
cessors to provide a complete wireless LAN
solution
compliant
with
the
IEEE802.11a,
IEEE802.11g and IEEE802.11b standards.
The STLC8100 is a fully integrated single chip RF
front end supporting the standards at both 2.4GHz
and 5GHz. A direct conversion architecture is
used on both Transmit and Receive paths requir-
ing no bulky or expensive intermediate frequency
filters. Separate Low Noise Amplifiers for 2.4GHz
and 5GHz bands delivers excellent receiver sensi-
tivity improving link budget and maximizing range
and data rate. Independent RF transmitter outputs
are provided for the 2.4GHz and 5GHz bands to
ensure maximum flexibility. A fully integrated syn-
thesizer supplies the local oscillator inputs for both
RX and TX paths in both bands. Designed in
CMOS for cost optimization, the single chip
STLC8100 supports frequency ranges in both
2.4GHz and 5GHz bands for 802.11 a, b and g glo-
bal market compliance.
The STLC8100 supports the band-interleaving
feature enabling low cost access points through
support of simulataneous clients in both bands us-
ing a single radio card.
DATA BRIEF
DUAL BAND WIRELESS LAN RF TRANSCEIVER
Rev. 3
Figure 1. Package
Table 1. Order Codes
Part Number
Package
Operating Temp.
STLC8100
TQFP48
0 to 70°C
TQFP48


Similar Part No. - STLC8100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC8201 STMICROELECTRONICS-STLC8201 Datasheet
84Kb / 5P
DUAL BAND WIRELESS LAN BASEBAND PROCESSOR
Oct-2004
More results

Similar Description - STLC8100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC8201 STMICROELECTRONICS-STLC8201 Datasheet
84Kb / 5P
DUAL BAND WIRELESS LAN BASEBAND PROCESSOR
Oct-2004
logo
SiGe Semiconductor, Inc...
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N_09 Datasheet
186Kb / 10P
Broadband SPDT Switch for Dual-Band Wireless LAN
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
Dual-Band 802.11a-g-n-ac Wireless LAN
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
logo
California Eastern Labs
CG2164X3 CEL-CG2164X3 Datasheet
763Kb / 7P
Dual-Band Wireless DPDT RF Switch
CG2164X3 CEL-CG2164X3_16 Datasheet
769Kb / 8P
Dual-Band Wireless DPDT RF Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com