Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS309 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS309
Description  SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS309 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS309 Datasheet HTML 2Page - Integrated Device Technology ICS309 Datasheet HTML 3Page - Integrated Device Technology ICS309 Datasheet HTML 4Page - Integrated Device Technology ICS309 Datasheet HTML 5Page - Integrated Device Technology ICS309 Datasheet HTML 6Page - Integrated Device Technology ICS309 Datasheet HTML 7Page - Integrated Device Technology ICS309 Datasheet HTML 8Page - Integrated Device Technology ICS309 Datasheet HTML 9Page - Integrated Device Technology ICS309 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ICS309
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
SER PROG CLOCK SYNTHESIZER
IDT® SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
7
ICS309
REV L 091311
AC Electrical Characteristics
VDD = 3.3 V ±10%, Ambient Temperature -40 to +85° C, unless stated otherwise
Note 1: Measured with 15 pF load.
Note 2: Duty Cycle is configuration dependent. Most configurations are min 45% / max 55%
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental crystal
5
27
MHz
Input Clock
2
50
MHz
Output Frequency
VDD=3.3 V
0.25
200
MHz
Output Clock Rise Time
tOR
20% to 80%, Note 1
0.8
ns
Output Clock Fall Time
tOF
80% to 20%, Note 1
0.8
ns
Output Clock Duty Cycle
Note 2
40
49-51
60
%
Power-up time
PDTS goes high until
stable CLK output
410
ms
PDTS goes high until
stable CLK out,
Spread Spectrum off
.2
2
ms
PDTS goes high until
stable CLK out,
Spread Spectrum On
47
ms
Maximum Output Jitter, short term
tj
Reference Clock
±300
ps
Maximum Output Jitter, short term
tj
All other clocks,
CL=15 pF
Configuration
±200
ps
Pin-to-Pin Skew
Low Skew Outputs
-250
250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
135
° C/W
θJA
1 m/s air flow
93
° C/W
θJA
3 m/s air flow
78
° C/W
Thermal Resistance Junction to Case
θJC
60
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com