Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS342 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS342
Description  FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS342 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS342 Datasheet HTML 1Page - Integrated Device Technology ICS342 Datasheet HTML 2Page - Integrated Device Technology ICS342 Datasheet HTML 3Page - Integrated Device Technology ICS342 Datasheet HTML 4Page - Integrated Device Technology ICS342 Datasheet HTML 5Page - Integrated Device Technology ICS342 Datasheet HTML 6Page - Integrated Device Technology ICS342 Datasheet HTML 7Page - Integrated Device Technology ICS342 Datasheet HTML 8Page - Integrated Device Technology ICS342 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS342
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT® / ICS™ FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 2
ICS342
REV N 090613
Pin Assignment
8-pin (150 mil) SOIC
Output Clock Selection Table
Pin Description
External Components
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50 trace (a commonly
used trace impedance), place a 33 resistor in series with
the clock line, as close to the clock output pin as possible.
The nominal impedance of the clock output is 20.
Decoupling Capacitor
As with any high-performance mixed-signal IC, the ICS342
must be isolated from system power supply noise to perform
optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the PCB ground plane.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to ground.
These capacitors are used to adjust the stray capacitance of
the board to match the nominally required crystal load
capacitance. Because load capacitance can only be
increased in this trimming process, it is important to keep
stray capacitance to a minimum by using very short PCB
traces (and no vias) between the crystal and device. Crystal
capacitors must be connected from each of the pins X1 and
X2 to ground.
The value (in pF) of these crystal caps should equal (CL -6
pF)*2. In this equation, CL= crystal load capacitance in pF.
Example: For a crystal with a 16 pF load capacitance, each
crystal capacitor would be 20 pF [(16-6) x 2] = 20.
PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1) The 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between the decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via. Distance of the ferrite bead and bulk decoupling
from the device is less critical.
2) The external crystal should be mounted just next to the
device with short traces. The X1 and X2 traces should not
be routed next to each other with minimum spaces, instead
they should be separated and away from other traces.
X1 / I CL K
VD D
GND
PD TS
CL K1
SEL
CL K 2
X2
1
2
3
4
8
7
6
5
SEL CLK1 (MHz)
CLK2 (MHz)
Spread
Percentage
0User
Configurable
User
Configurable
User
Configurable
1User
Configurable
User
Configurable
User
Configurable
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
XI
Connect this pin to a crystal or external clock input.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
CLK1
Output
Clock output. Weak internal pull-down when tri-state.
5
CLK2
Output
Clock output. Weak internal pull-down when tri-state.
6
SEL
Input
Select for frequency selection on CLK1 and CLK2. Internal pull-up resistor.
7PDTS
Input
Powers down entire chip. Tri-states CLK outputs when low. Internal pull-up
resistor.
8
X2
XO
Connect this pin to a crystal, or float for clock input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com