Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLL4148 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TCLL4148
Description  500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCLL4148 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCLL4148 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCLL4148 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCLL4148 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCLL4148 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCLL4148 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
March 2002 / A
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Symbol Definition
Typical Characteristics
Symbol
Parameter
BV
Breakdown Voltage @ IR
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Ordering Information
Pack Option
Package
Quantity
7” Reel
Tape and Reel
2,500
13” Reel
Tape and Reel
10,000
Others
(…contact Tak Cheong sales representatives)
LL34 (Mini-MELF) Tape Packaging Standards
This standard practices for surface-mount tape packaging of leadless (Mini-MELF) components meets the requirements of EIA Standard
RS-481-A.
V
I
(mV)
(V)
(mA)
(
µA)
VF
IF
BV
IR
IR
VR
(nA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com